Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18C658-E/CL Datasheet(PDF) 38 Page - Microchip Technology

Part # PIC18C658-E/CL
Description  High-Performance Microcontrollers with CAN Module
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18C658-E/CL Datasheet(HTML) 38 Page - Microchip Technology

Back Button PIC18C658-E/CL Datasheet HTML 34Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 35Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 36Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 37Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 38Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 39Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 40Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 41Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 366 page
background image
PIC18CXX8
DS30475A-page 38
Advanced Information
 2000 Microchip Technology Inc.
CANCON
658
858
xxxx xxx-
uuuu uuu-
uuuu uuu-
CANSTAT
658
858
xxx- xxx-
uuu- uuu-
uuu- uuu-
RXB0D7
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB0D6
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB0D5
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB0D4
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB0D3
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB0D2
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB0D1
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB0D0
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB0DLC
658
858
0xxx xxxx
0uuu uuuu
uuuu uuuu
RXB0EIDL
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB0EIDH
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB0SIDL
658
858
xxxx x-xx
uuuu u-uu
uuuu u-uu
RXB0SIDH
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB0CON
658
858
000- 0000
000- 0000
uuu- uuuu
RXB1D7
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB1D6
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB1D5
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB1D4
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB1D3
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB1D2
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB1D1
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB1D0
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB1DLC
658
858
0xxx xxxx
0uuu uuuu
uuuu uuuu
RXB1EIDL
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB1EIDH
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB1SIDL
658
858
xxxx x0xx
uuuu u0uu
uuuu uuuu
RXB1SIDH
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB1CON
658
858
0000 0000
0000 0000
uuuu uuuu
TXB0D7
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB0D6
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB0D5
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB0D4
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB0D3
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB0D2
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB0D1
658
858
xxxx xxxx
uuuu uuuu
uuuu uuuu
TABLE 3-3:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable
Devices
Power-on Reset,
Brown-out Reset
MCLR Reset
WDT Reset
RESET
Instruction
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged,
x
= unknown,
-
= unimplemented bit, read as ’0’, q = value depends on condition
Note 1: One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the hardware
stack.
4: See Table 3-2 for RESET value for specific condition.
5: Bit 6 of PORTA, LATA, and TRISA are enabled in ECIO and RCIO oscillator modes only. In all other
oscillator modes, they are disabled and read ’0’.
6: The long write enable is only reset on a POR or MCLR.
7: Available on PIC18C858 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com