Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18C658-E/CL Datasheet(PDF) 70 Page - Microchip Technology

Part # PIC18C658-E/CL
Description  High-Performance Microcontrollers with CAN Module
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18C658-E/CL Datasheet(HTML) 70 Page - Microchip Technology

Back Button PIC18C658-E/CL Datasheet HTML 66Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 67Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 68Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 69Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 70Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 71Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 72Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 73Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 366 page
background image
PIC18CXX8
DS30475A-page 70
Advanced Information
 2000 Microchip Technology Inc.
5.2.3
LONG WRITE INTERRUPTS
The long write must be terminated by a RESET or any
interrupt.
The interrupt source must have its interrupt enable bit
set. When the source sets its interrupt flag, program-
ming will terminate. This will occur regardless of the
settings of interrupt priority bits, the GIE/GIEH bit or the
PIE/GIEL bit.
Depending on the states of interrupt priority bits, the
GIE/GIEH bit or the PIE/GIEL bit, program execution
can either be vectored to the high or low priority Inter-
rupt Service Routine (ISR), or continue execution from
where programming commenced.
In either case, the interrupt flag will not be cleared
when programming is terminated and will need to be
cleared by the software.
5.3
Unexpected Termination of Write
Operations
If a write is terminated by an unplanned event such as
loss of power, an unexpected RESET, or an interrupt
that was not disabled, the memory location just pro-
grammed should be verified and reprogrammed if
needed.
TABLE 5-2:
SLEEP MODE, INTERRUPT ENABLE BITS AND INTERRUPT RESULTS
GIE/
GIEH
PIE/
GIEL
Priority
Interrupt
Enable
Interrupt
Flag
Action
XX
X
0
(default)
X
Long write continues even if interrupt flag
becomes set during SLEEP.
X
X
X
1
0
Long write continues, will wake when
the interrupt flag is set.
0
(default)
0
(default)
X
1
1
Terminates long write, executes next instruction.
Interrupt flag not cleared.
0
(default)
11
high priority
(default)
1
1
Terminates long write, executes next instruction.
Interrupt flag not cleared.
10
(default)
0
low
1
1
Terminates long write, executes next instruction.
Interrupt flag not cleared.
0
(default)
10
low
1
1
Terminates long write, branches to low priority
interrupt vector.
Interrupt flag can be cleared by ISR.
10
(default)
1
high priority
(default)
1
1
Terminates long write, branches to high priority
interrupt vector.
Interrupt flag can be cleared by ISR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com