Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18C658-E/CL Datasheet(PDF) 80 Page - Microchip Technology

Part # PIC18C658-E/CL
Description  High-Performance Microcontrollers with CAN Module
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18C658-E/CL Datasheet(HTML) 80 Page - Microchip Technology

Back Button PIC18C658-E/CL Datasheet HTML 76Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 77Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 78Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 79Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 80Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 81Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 82Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 83Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 366 page
background image
PIC18CXX8
DS30475A-page 80
Advanced Information
 2000 Microchip Technology Inc.
7.1.2
PIR REGISTERS
The Peripheral Interrupt Request (PIR) registers con-
tain the individual flag bits for the peripheral interrupts
(Register 7-5). Due to the number of peripheral inter-
rupt sources, there are three Peripheral Interrupt
Request (Flag) registers (PIR1, PIR2, PIR3).
7.1.3
PIE REGISTERS
The Peripheral Interrupt Enable (PIE) registers contain
the individual enable bits for the peripheral interrupts
(Register 7-5). Due to the number of peripheral inter-
rupt sources, there are three Peripheral Interrupt
Enable registers (PIE1, PIE2, PIE3). When IPEN is
clear, the PEIE bit must be set to enable any of these
peripheral interrupts.
7.1.4
IPR REGISTERS
The Interrupt Priority (IPR) registers contain the individ-
ual
priority
bits
for
the
peripheral
interrupts
(Register 7-7). Due to the number of peripheral inter-
rupt sources, there are three Peripheral Interrupt Prior-
ity registers (IPR1, IPR2, IPR3). The operation of the
priority bits requires that the Interrupt Priority Enable bit
(IPEN) be set.
7.1.5
RCON REGISTER
The Reset Control (RCON) register contains the bit that
is used to enable prioritized interrupts (IPEN).
REGISTER 7-4:
RCON REGISTER
Note 1: Interrupt flag bits are set when an interrupt
condition occurs, regardless of the state of
its corresponding enable bit or the global
enable bit, GIE (INTCON register).
2: User software should ensure the appropri-
ate interrupt flag bits are cleared prior to
enabling an interrupt, and after servicing
that interrupt.
R/W-0
R/W-0
U-0
R/W-1
R/W-1
R/W-1
R/W-0
R/W-0
IPEN
LWRT
—
RI
TO
PD
POR
BOR
bit 7
bit 0
bit 7
IPEN: Interrupt Priority Enable bit
1
= Enable priority levels on interrupts
0
= Disable priority levels on interrupts (16CXXX compatibility mode)
bit 6
LWRT: Long Write Enable
For details of bit operation see Register 4-3
bit 5
Unimplemented: Read as '0'
bit 4
RI: RESET Instruction Flag bit
For details of bit operation see Register 4-3
bit 3
TO: Watchdog Time-out Flag bit
For details of bit operation see Register 4-3
bit 2
PD: Power-down Detection Flag bit
For details of bit operation see Register 4-3
bit 1
POR: Power-on Reset Status bit
For details of bit operation see Register 4-3
bit 0
BOR: Brown-out Reset Status bit
For details of bit operation see Register 4-3
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com