Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18C658-E/CL Datasheet(PDF) 53 Page - Microchip Technology

Part # PIC18C658-E/CL
Description  High-Performance Microcontrollers with CAN Module
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18C658-E/CL Datasheet(HTML) 53 Page - Microchip Technology

Back Button PIC18C658-E/CL Datasheet HTML 49Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 50Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 51Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 52Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 53Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 54Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 55Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 56Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 366 page
background image
 2000 Microchip Technology Inc.
Advanced Information
DS30475A-page 53
PIC18CXX8
INDF2
Uses contents of FSR2 to address data memory - value of FSR2 not changed (not a physical register)
n/a
n/a
POSTINC2
Uses contents of FSR2 to address data memory - value of FSR2 post-incremented (not a physical register)
n/a
n/a
POSTDEC2
Uses contents of FSR2 to address data memory - value of FSR2 post-decremented (not a physical register)
n/a
n/a
PREINC2
Uses contents of FSR2 to address data memory - value of FSR2 pre-incremented (not a physical register)
n/a
n/a
PLUSW2
Uses contents of FSR2 to address data memory - value of FSR2 pre-incremented (not a physical register) - value
of FSR2 offset by WREG
n/a
n/a
FSR2H
—
—
—
—
Indirect Data Memory Address Pointer 2 High
---- 0000
---- 0000
FSR2L
Indirect Data Memory Address Pointer 2 Low Byte
xxxx xxxx
uuuu uuuu
STATUS
—
—
—
NOV
Z
DC
C
---x xxxx
---u uuuu
TMR0H
Timer0 register high byte
0000 0000
0000 0000
TMR0L
Timer0 register low byte
xxxx xxxx
uuuu uuuu
T0CON
TMR0ON
T08BIT
T0CS
T0SE
T0PS3
T0PS2
T0PS1
T0PS0
1111 1111
1111 1111
OSCCON
—
—
—
—
—
—
—
SCS
---- ---0
---- ---0
LVDCON
—
—
IRVST
LVDEN
LVDL3
LVDL2
LVDL1
LVDL0
--00 0101
--00 0101
WDTCON
—
—
—
—
—
—
—
SWDTEN
---- ---0
---- ---0
RCON
IPEN
LWRT
—
RI
TO
PD
POR
BOR
00-1 11qq
00-q qquu
TMR1H
Timer1 Register High Byte
xxxx xxxx
uuuu uuuu
TMR1L
Timer1 Register Low Byte
xxxx xxxx
uuuu uuuu
T1CON
RD16
—
T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
TMR1CS
TMR1ON
0-00 0000
u-uu uuuu
TMR2
Timer2 Register
0000 0000
0000 0000
PR2
Timer2 Period Register
1111 1111
1111 1111
T2CON
—
TOUTPS3
TOUTPS2
TOUTPS1
TOUTPS0
TMR2ON
T2CKPS1
T2CKPS0
-000 0000
-000 0000
SSPBUF
SSP Receive Buffer/Transmit Register
xxxx xxxx
uuuu uuuu
SSPADD
SSP Address Register in I2C Slave mode. SSP Baud Rate Reload Register in I2C Master mode.
0000 0000
0000 0000
SSPSTAT
SMP
CKE
D/A
PS
R/W
UA
BF
0000 0000
0000 0000
SSPCON1
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
0000 0000
0000 0000
SSPCON2
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
0000 0000
0000 0000
ADRESH
A/D Result Register High Byte
xxxx xxxx
uuuu uuuu
ADRESL
A/D Result Register Low Byte
xxxx xxxx
uuuu uuuu
ADCON0
—
—
CHS3
CHS2
CHS1
CHS0
GO/DONE
ADON
--00 0000
--00 0000
ADCON1
—
—
VCFG1
VCFG0
PCFG3
PCFG2
PCFG1
PCFG0
-000 0000
-000 0000
ADCON2
ADFM
—
—
—
—
ADCS2
ADCS1
ADCS0
0--- -000
0--- -000
Filename
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR,
BOR
Value on
all other
RESETS(3)
Legend:
x
= unknown, u = unchanged, - = unimplemented, q = value depends on condition
Note 1:
Bit 6 of PORTA, LATA and TRISA are enabled in ECIO and RCIO oscillator modes only. In all other oscillator modes, they are disabled and read ‘0’.
2:
Bit 21 of the TBLPTRU allows access to the device configuration bits.
3:
Other (non-power-up) RESETs include external RESET through MCLR and Watchdog Timer Reset.
4:
These registers are reserved on PIC18C658.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com