Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18C658-E/CL Datasheet(PDF) 55 Page - Microchip Technology

Part # PIC18C658-E/CL
Description  High-Performance Microcontrollers with CAN Module
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18C658-E/CL Datasheet(HTML) 55 Page - Microchip Technology

Back Button PIC18C658-E/CL Datasheet HTML 51Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 52Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 53Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 54Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 55Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 56Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 57Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 58Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 366 page
background image
 2000 Microchip Technology Inc.
Advanced Information
DS30475A-page 55
PIC18CXX8
LATJ(4)
Read PORTJ Data Latch, Write PORTJ Data Latch
xxxx xxxx
uuuu uuuu
LATH(4)
Read PORTH Data Latch, Write PORTH Data Latch
xxxx xxxx
uuuu uuuu
LATG
—
—
—
Read PORTG Data Latch, Write PORTG Data Latch
---x xxxx
---u uuuu
LATF
Read PORTF Data Latch, Write PORTF Data Latch
xxxx xxxx
uuuu uuuu
LATE
Read PORTE Data Latch, Write PORTE Data Latch
xxxx xxxx
uuuu uuuu
LATD
Read PORTD Data Latch, Write PORTD Data Latch
xxxx xxxx
uuuu uuuu
LATC
Read PORTC Data Latch, Write PORTC Data Latch
xxxx xxxx
uuuu uuuu
LATB
Read PORTB Data Latch, Write PORTB Data Latch
xxxx xxxx
uuuu uuuu
LATA
—
Bit 6(1)
Read PORTA Data Latch, Write PORTA Data Latch
--xx xxxx
--uu uuuu
PORTJ(4)
Read PORTJ pins, Write PORTJ Data Latch
xxxx xxxx
uuuu uuuu
PORTH(4)
Read PORTH pins, Write PORTH Data Latch
xxxx xxxx
uuuu uuuu
PORTG
—
—
—
Read PORTG pins, Write PORTG Data Latch
---x xxxx
uuuu uuuu
PORTF
Read PORTF pins, Write PORTF Data Latch
0000 0000
0000 0000
PORTE
Read PORTE pins, Write PORTE Data Latch
xxxx xxxx
uuuu uuuu
PORTD
Read PORTD pins, Write PORTD Data Latch
xxxx xxxx
uuuu uuuu
PORTC
Read PORTC pins, Write PORTC Data Latch
xxxx xxxx
uuuu uuuu
PORTB
Read PORTB pins, Write PORTB Data Latch
xxxx xxxx
uuuu uuuu
PORTA
—
Bit 6(1)
Read PORTA pins, Write PORTA Data Latch
--0x 0000
--0u 0000
TRISK(4)
Data Direction Control Register for PORTK
1111 1111
1111 1111
LATK(4)
Read PORTK Data Latch, Write PORTK Data Latch
xxxx xxxx
uuuu uuuu
PORTK(4)
Read PORTK pins, Write PORTK Data Latch
xxxx xxxx
uuuu uuuu
TXERRCNT
TEC7
TEC6
TEC5
TEC4
TEC3
TEC2
TEC1
TEC0
0000 0000
0000 0000
RXERRCNT
REC7
REC6
REC5
REC4
REC3
REC2
REC1
REC0
0000 0000
0000 0000
COMSTAT
RXB0OVFL
RXB1OVFL
TXBO
TXBP
RXBP
TXWARN
RXWARN
EWARN
0000 0000
0000 0000
CIOCON
TX1SRC
TX1EN
ENDRHI
CANCAP
—
—
—
—
1000 ----
1000 ----
BRGCON3
—
WAKFIL
—
—
—
SEG2PH2
SEG2PH1
SEG2PH0
-0-- -000
-0-- -000
BRGCON2
SEG2PHTS
SAM
SEG1PH2
SEG1PH1
SEG1PH0
PRSEG2
PRSEG1
PRSEG0
0000 0000
0000 0000
BRGCON1
SJW1
SJW0
BRP5
BRP4
BRP3
BRP2
BRP1
BRP0
0000 0000
0000 0000
CANCON
REQOP2
REQOP1
REQOP0
ABAT
WIN2
WIN1
WIN0
—
xxxx xxx-
uuuu uuu-
CANSTAT
OPMODE2
OPMODE1
OPMODE0
—
ICODE2
ICODE1
ICOED0
—
xxx- xxx-
uuu- uuu-
Filename
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR,
BOR
Value on
all other
RESETS(3)
Legend:
x
= unknown, u = unchanged, - = unimplemented, q = value depends on condition
Note 1:
Bit 6 of PORTA, LATA and TRISA are enabled in ECIO and RCIO oscillator modes only. In all other oscillator modes, they are disabled and read ‘0’.
2:
Bit 21 of the TBLPTRU allows access to the device configuration bits.
3:
Other (non-power-up) RESETs include external RESET through MCLR and Watchdog Timer Reset.
4:
These registers are reserved on PIC18C658.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com