Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LCR620A-04/SS Datasheet(PDF) 48 Page - Microchip Technology

Part # PIC16LCR620A-04/SS
Description  EPROM-Based 8-Bit CMOS Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LCR620A-04/SS Datasheet(HTML) 48 Page - Microchip Technology

Back Button PIC16LCR620A-04/SS Datasheet HTML 44Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 45Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 46Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 47Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 48Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 49Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 50Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 51Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 108 page
background image
PIC16C62X
DS30235G-page 48
Preliminary
© 1998 Microchip Technology Inc.
9.2.3
EXTERNAL CRYSTAL OSCILLATOR
CIRCUIT
Either a prepackaged oscillator can be used or a simple
oscillator
circuit
with TTL
gates
can
be
built.
Prepackaged oscillators provide a wide operating
range and better stability. A well-designed crystal
oscillator will provide good performance with TTL
gates. Two types of crystal oscillator circuits can be
used; one with series resonance, or one with parallel
resonance.
Figure 9-4 shows implementation of a parallel resonant
oscillator circuit. The circuit is designed to use the
fundamental frequency of the crystal. The 74AS04
inverter performs the 180
° phase shift that a parallel
oscillator requires. The 4.7 k
Ω resistor provides the
negative
feedback
for
stability.
The
10 k
Ω
potentiometers bias the 74AS04 in the linear region.
This could be used for external oscillator designs.
FIGURE 9-4:
EXTERNAL PARALLEL
RESONANT CRYSTAL
OSCILLATOR CIRCUIT
Figure 9-5 shows a series resonant oscillator circuit.
This circuit is also designed to use the fundamental
frequency of the crystal. The inverter performs a 180
°
phase shift in a series resonant oscillator circuit. The
330 k
Ω resistors provide the negative feedback to bias
the inverters in their linear region.
FIGURE 9-5:
EXTERNAL SERIES
RESONANT CRYSTAL
OSCILLATOR CIRCUIT
20 pF
+5V
20 pF
10k
4.7k
10k
74AS04
XTAL
10k
74AS04
PIC16C62X
CLKIN
To other
Devices
330 k
Ω
74AS04
74AS04
PIC16C62X
CLKIN
To other
Devices
XTAL
330 k
Ω
74AS04
0.1
µF
9.2.4
RC OSCILLATOR
For timing insensitive applications the “RC” device
option offers additional cost savings. The RC oscillator
frequency is a function of the supply voltage, the
resistor (Rext) and capacitor (Cext) values, and the
operating temperature. In addition to this, the oscillator
frequency will vary from unit to unit due to normal
process
parameter
variation.
Furthermore,
the
difference in lead frame capacitance between package
types
will
also
affect
the
oscillation
frequency,
especially for low Cext values. The user also needs to
take into account variation due to tolerance of external
R and C components used. Figure 9-6 shows how the
R/C combination is connected to the PIC16C62X. For
Rext values below 2.2 k
Ω, the oscillator operation may
become unstable, or stop completely. For very high
Rext values (e.g., 1 M
Ω), the oscillator becomes
sensitive to noise, humidity and leakage. Thus, we
recommend to keep Rext between 3 k
Ω and 100 kΩ.
Although the oscillator will operate with no external
capacitor (Cext = 0 pF), we recommend using values
above 20 pF for noise and stability reasons. With no or
small external capacitance, the oscillation frequency
can vary dramatically due to changes in external
capacitances, such as PCB trace capacitance or
package lead frame capacitance.
See Section 13.0 for RC frequency variation from part
to part due to normal process variation. The variation is
larger for larger R (since leakage current variation will
affect RC frequency more for large R) and for smaller C
(since variation of input capacitance will affect RC fre-
quency more).
See Section 13.0 for variation of oscillator frequency
due to VDD for given Rext/Cext values as well as
frequency variation due to operating temperature for
given R, C, and VDD values.
The oscillator frequency, divided by 4, is available on
the OSC2/CLKOUT pin, and can be used for test
purposes or to synchronize other logic (Figure 3-2 for
waveform).
FIGURE 9-6:
RC OSCILLATOR MODE
OSC2/CLKOUT
Cext
Rext
VDD
PIC16C62X
OSC1
Fosc/4
Internal Clock
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com