Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LCR620A-04/SS Datasheet(PDF) 90 Page - Microchip Technology

Part # PIC16LCR620A-04/SS
Description  EPROM-Based 8-Bit CMOS Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LCR620A-04/SS Datasheet(HTML) 90 Page - Microchip Technology

Back Button PIC16LCR620A-04/SS Datasheet HTML 86Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 87Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 88Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 89Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 90Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 91Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 92Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 93Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 108 page
background image
PIC16C62X
DS30235G-page 90
Preliminary
© 1998 Microchip Technology Inc.
FIGURE 12-4: RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER AND POWER-UP
TIMER TIMING
FIGURE 12-5: BROWN-OUT RESET TIMING
TABLE 12-6:
RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER AND POWER-UP
TIMER REQUIREMENTS
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
30
TmcL
MCLR Pulse Width (low)
2000
—
—
ns
-40
° to +85°C
31
Twdt
Watchdog Timer Time-out Period
(No Prescaler)
7*
18
33*
ms
VDD = 5.0V, -40
° to +85°C
32
Tost
Oscillation Start-up Timer Period
—
1024 TOSC
—
—
TOSC = OSC1 period
33
Tpwrt
Power-up Timer Period
28*
72
132*
ms
VDD = 5.0V, -40
° to +85°C
34
TIOZ
I/O hi-impedance from MCLR low
—
2.0
µs
35
TBOR
Brown-out Reset Pulse Width
100*
—
—
µs
3.7V
≤ VDD ≤ 4.3V
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
VDD
MCLR
Internal
POR
PWRT
Timeout
OSC
Timeout
Internal
RESET
Watchdog
Timer
RESET
33
32
30
31
34
I/O Pins
34
VDD
BVDD
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com