Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LCR620A-04/SS Datasheet(PDF) 85 Page - Microchip Technology

Part # PIC16LCR620A-04/SS
Description  EPROM-Based 8-Bit CMOS Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LCR620A-04/SS Datasheet(HTML) 85 Page - Microchip Technology

Back Button PIC16LCR620A-04/SS Datasheet HTML 81Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 82Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 83Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 84Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 85Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 86Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 87Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 88Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 108 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30235G-page 85
PIC16C62X
TABLE 12-2:
COMPARATOR SPECIFICATIONS
Operating Conditions: Vdd range as described in Table 12-1, -40
°C<TA<+125°C. Current consumption is specified in
Table 12-1.
TABLE 12-3:
VOLTAGE REFERENCE SPECIFICATIONS
Operating Conditions:Vdd range as described in Table 12-1, -40
°C<TA<+125°C. Current consumption is specified in
Table 12-1.
Characteristics
Sym
Min
Typ
Max
Units
Comments
Input offset voltage
± 5.0
± 10
mV
Input common mode voltage
0
VDD - 1.5
V
CMRR
+55*
db
Response Time(1)
150*
400*
600*
ns
ns
PIC16C62X(A)
PIC16LC62X
Comparator Mode Change to
Output Valid
10*
µs
* These parameters are characterized but not tested.
Note 1: Response time measured with one comparator input at (VDD - 1.5)/2 while the other input transitions from
VSS to VDD.
Characteristics
Sym
Min
Typ
Max
Units
Comments
Resolution
VDD/24
VDD/32
LSB
Absolute Accuracy
+1/4
+1/2
LSB
LSB
Low Range (VRR=1)
High Range (VRR=0)
Unit Resistor Value (R)
2K*
Ω
Figure 8-2
Settling Time(1)
10*
µs
* These parameters are characterized but not tested.
Note 1: Settling time measured while VRR = 1 and VR<3:0> transitions from 0000 to 1111.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com