Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LCR620A-04/SS Datasheet(PDF) 87 Page - Microchip Technology

Part # PIC16LCR620A-04/SS
Description  EPROM-Based 8-Bit CMOS Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LCR620A-04/SS Datasheet(HTML) 87 Page - Microchip Technology

Back Button PIC16LCR620A-04/SS Datasheet HTML 83Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 84Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 85Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 86Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 87Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 88Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 89Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 90Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 108 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30235G-page 87
PIC16C62X
12.6
Timing Diagrams and Specifications
FIGURE 12-2: EXTERNAL CLOCK TIMING
TABLE 12-4:
EXTERNAL CLOCK TIMING REQUIREMENTS
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units Conditions
Fos
External CLKIN Frequency
(Note 1)
DC
—
4
MHz
XT and RC osc mode, VDD=5.0V
DC
—
20
MHz
HS osc mode
DC
—
200
kHz
LP osc mode
Oscillator Frequency
(Note 1)
DC
—
4
MHz
RC osc mode, VDD=5.0V
0.1
—
4
MHz
XT osc mode
1
—
20
MHz
HS osc mode
DC
–
200
kHz
LP osc mode
1
Tosc
External CLKIN Period
(Note 1)
250
—
—
ns
XT and RC osc mode
50
—
—
ns
HS osc mode
5
—
—
µs
LP osc mode
Oscillator Period
(Note 1)
250
—
—
ns
RC osc mode
250
—
10,000
ns
XT osc mode
50
—
1,000
ns
HS osc mode
5
—
—
µs
LP osc mode
2
TCY
Instruction Cycle Time (Note 1)
1.0
Fosc/4
DC
µs
TCYS=FOSC/4
3*
TosL,
TosH
External Clock in (OSC1) High or
Low Time
100*
—
—
ns
XT oscillator, TOSC L/H duty cycle
2*
—
—
µs
LP oscillator, TOSC L/H duty cycle
20*
—
—
ns
HS oscillator, TOSC L/H duty
cycle
4*
TosR,
TosF
External Clock in (OSC1) Rise or
Fall Time
25*
—
—
ns
XT oscillator
50*
—
—
ns
LP oscillator
15*
—
—
ns
HS oscillator
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1: Instruction cycle period (TCY) equals four times the input oscillator time-base period. All specified values are
based on characterization data for that particular oscillator type under standard operating conditions with the
device executing code. Exceeding these specified limits may result in an unstable oscillator operation
and/or higher than expected current consumption. All devices are tested to operate at "min." values with an
external clock applied to the OSC1 pin.
When an external clock input is used, the "Max." cycle time limit is "DC" (no clock) for all devices.
OSC1
CLKOUT
Q4
Q1
Q2
Q3
Q4
Q1
1
3
3
4
4
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com