Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LCR620A-04/SS Datasheet(PDF) 52 Page - Microchip Technology

Part # PIC16LCR620A-04/SS
Description  EPROM-Based 8-Bit CMOS Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LCR620A-04/SS Datasheet(HTML) 52 Page - Microchip Technology

Back Button PIC16LCR620A-04/SS Datasheet HTML 48Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 49Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 50Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 51Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 52Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 53Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 54Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 55Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 108 page
background image
PIC16C62X
DS30235G-page 52
Preliminary
© 1998 Microchip Technology Inc.
TABLE 9-6:
INITIALIZATION CONDITION FOR SPECIAL REGISTERS
TABLE 9-7:
INITIALIZATION CONDITION FOR REGISTERS
Condition
Program
Counter
STATUS
Register
PCON
Register
Power-on Reset
000h
0001 1xxx
---- --0x
MCLR reset during normal operation
000h
000u uuuu
---- --uu
MCLR reset during SLEEP
000h
0001 0uuu
---- --uu
WDT reset
000h
0000 uuuu
---- --uu
WDT Wake-up
PC + 1
uuu0 0uuu
---- --uu
Brown-out Reset
000h
000x xuuu
---- --u0
Interrupt Wake-up from SLEEP
PC + 1(1)
uuu1 0uuu
---- --uu
Legend: u = unchanged, x = unknown, - = unimplemented bit, reads as ‘0’.
Note 1:
When the wake-up is due to an interrupt and global enable bit, GIE is set, the PC is loaded with the interrupt vector
(0004h) after execution of PC+1.
Register
Address
Power-on Reset
• MCLR Reset during
normal operation
• MCLR Reset during
SLEEP
• WDT Reset
• Brown-out Reset (1)
• Wake up from SLEEP
through interrupt
• Wake up from SLEEP
through WDT time-out
W
-
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF
00h
-
-
-
TMR0
01h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PCL
02h
0000 0000
0000 0000
PC + 1
(3)
STATUS
03h
0001 1xxx
000q quuu
(4)
uuuq quuu
(4)
FSR
04h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA
05h
---x xxxx
---u uuuu
---u uuuu
PORTB
06h
xxxx xxxx
uuuu uuuu
uuuu uuuu
CMCON
1Fh
00-- 0000
00-- 0000
uu-- uuuu
PCLATH
0Ah
---0 0000
---0 0000
---u uuuu
INTCON
0Bh
0000 000x
0000 000u
uuuu uqqq
(2)
PIR1
0Ch
-0-- ----
-0-- ----
-q-- ----
(2,5)
OPTION
81h
1111 1111
1111 1111
uuuu uuuu
TRISA
85h
---1 1111
---1 1111
---u uuuu
TRISB
86h
1111 1111
1111 1111
uuuu uuuu
PIE1
8Ch
-0-- ----
-0-- ----
-u-- ----
PCON
8Eh
---- --0x
---- --uq
(1,6)
---- --uu
VRCON
9Fh
000- 0000
000- 0000
uuu- uuuu
Legend:
u = unchanged, x = unknown, - = unimplemented bit, reads as ‘0’,q = value depends on condition.
Note 1:
If VDD goes too low, Power-on Reset will be activated and registers will be affected differently.
2:
One or more bits in INTCON, PIR1 and/or PIR2 will be affected (to cause wake-up).
3:
When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt vector (0004h).
4:
See Table 9-6 for reset value for specific condition.
5:
If wake-up was due to comparator input changing, then bit 6 = 1. All other interrupts generating a wake-up will cause bit 6 = u.
6:
If reset was due to brown-out, then bit 0 = 0. All other resets will cause bit 0 = u.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com