Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LCR620A-04/SS Datasheet(PDF) 101 Page - Microchip Technology

Part # PIC16LCR620A-04/SS
Description  EPROM-Based 8-Bit CMOS Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LCR620A-04/SS Datasheet(HTML) 101 Page - Microchip Technology

Back Button PIC16LCR620A-04/SS Datasheet HTML 97Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 98Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 99Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 100Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 101Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 102Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 103Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 104Page - Microchip Technology PIC16LCR620A-04/SS Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 108 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30235G-page 101
PIC16C62X
APPENDIX A: ENHANCEMENTS
The following are the list of enhancements over the
PIC16C5X microcontroller family:
1.
Instruction word length is increased to 14 bits.
This allows larger page sizes both in program
memory (4K now as opposed to 512 before) and
register file (up to 128 bytes now versus 32
bytes before).
2.
A PC high latch register (PCLATH) is added to
handle program memory paging. PA2, PA1, PA0
bits are removed from STATUS register.
3.
Data memory paging is slightly redefined.
STATUS register is modified.
4.
Four
new
instructions
have
been
added:
RETURN
, RETFIE, ADDLW, and SUBLW.
Two instructions TRIS and OPTION are being
phased
out
although
they
are
kept
for
compatibility with PIC16C5X.
5.
OPTION
and
TRIS
registers
are
made
addressable.
6.
Interrupt capability is added. Interrupt vector is
at 0004h.
7.
Stack size is increased to 8 deep.
8.
Reset vector is changed to 0000h.
9.
Reset of all registers is revisited. Five different
reset (and wake-up) types are recognized.
Registers are reset differently.
10. Wake up from SLEEP through interrupt is
added.
11. Two separate timers, Oscillator Start-up Timer
(OST)
and
Power-up
Timer
(PWRT)
are
included for more reliable power-up. These
timers
are
invoked
selectively
to
avoid
unnecessary delays on power-up and wake-up.
12. PORTB has weak pull-ups and interrupt on
change feature.
13. Timer0 clock input, T0CKI pin is also a port pin
(RA4/T0CKI) and has a TRIS bit.
14. FSR is made a full 8-bit register.
15. “In-circuit programming” is made possible. The
user can program PIC16CXX devices using only
five pins: VDD, VSS, /VPP, RB6 (clock) and RB7
(data in/out).
16. PCON
status
register
is
added
with
a
Power-on-Reset
(POR)
status
bit
and
a
Brown-out Reset status bit (BOR).
17. Code protection scheme is enhanced such that
portions of the program memory can be
protected, while the remainder is unprotected.
18. PORTA inputs are now Schmitt Trigger inputs.
19. Brown-out Reset reset has been added.
20. Common RAM registers F0h-FFh implemented
in bank1.
APPENDIX B: COMPATIBILITY
To convert code written for PIC16C5X to PIC16CXX,
the user should take the following steps:
1.
Remove any program memory page select
operations (PA2, PA1, PA0 bits) for CALL, GOTO.
2.
Revisit any computed jump operations (write to
PC or add to PC, etc.) to make sure page bits
are set properly under the new scheme.
3.
Eliminate any data memory page switching.
Redefine data variables to reallocate them.
4.
Verify all writes to STATUS, OPTION, and FSR
registers since these have changed.
5.
Change reset vector to 0000h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com