Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83867CS Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # DP83867CS
Description  High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83867CS Datasheet(HTML) 20 Page - Texas Instruments

Back Button DP83867CS Datasheet HTML 16Page - Texas Instruments DP83867CS Datasheet HTML 17Page - Texas Instruments DP83867CS Datasheet HTML 18Page - Texas Instruments DP83867CS Datasheet HTML 19Page - Texas Instruments DP83867CS Datasheet HTML 20Page - Texas Instruments DP83867CS Datasheet HTML 21Page - Texas Instruments DP83867CS Datasheet HTML 22Page - Texas Instruments DP83867CS Datasheet HTML 23Page - Texas Instruments DP83867CS Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 114 page
background image
DP83867CS, DP83867IS, DP83867E
SNLS504 – OCTOBER 2015
www.ti.com
Feature Description (continued)
9.3.1.2 Magic Packet Example
The following is an example Magic Packet for a Destination Address of 11h 22h 33h 44h 55h 66h and a
SecureOn Password 2Ah 2Bh 2Ch 2Dh 2Eh 2Fh:
DESTINATION SOURCE MISC FF FF FF FF FF FF 11 22 33 44 55 66 11 22 33 44 55 66 11 22 33 44 55 66 11 22
33 44 55 66 11 22 33 44 55 66 11 22 33 44 55 66 11 22 33 44 55 66 11 22 33 44 55 66 11 22 33 44 55 66
11 22 33 44 55 66 11 22 33 44 55 66 11 22 33 44 55 66 11 22 33 44 55 66 11 22 33 44 55 66 11 22 33 44
55 66 11 22 33 44 55 66 2A 2B 2C 2D 2E 2F MISC CRC
9.3.1.3 Wake on LAN Configuration and Status
Wake on LAN functionality is configured via the RXFCFG register (address 0x0134). Wake on LAN status is
reported in the RXFSTS register (address 0x0135).
9.3.2 Start of Frame Detect for IEEE1588 Time Stamp
The DP83867 supports an IEEE 1588 indication pulse at the SFD (start frame delimiter) for the receive and
transmit paths. The pulse can be delivered to various pins. The pulse indicates the actual time the symbol is
presented on the lines (for transmit), or the first symbol received (for receive). The exact timing of the pulse can
be adjusted via register. Each increment of phase value is an 8ns step.
Figure 10. IEEE 1588 Message Timestamp Point
The SFD pulse output can be configured using the GPIO Mux Control registers, GPIO_MUX_CTRL1 (register
address 0x0171) and GPIO_MUX_CTRL2 (register address 0x0172). The ENHANCED_MAC_SUPPORT bit in
RXCFG (register address 0x0134) must also be set to allow output of the SFD.
9.3.3 Clock Output
The DP83867 has several internal clocks, including the local reference clock, the Ethernet transmit clock, and the
Ethernet receive clock. An external crystal or oscillator provides the stimulus for the local reference clock. The
local reference clock acts as the central source for all clocking in the device.
The local reference clock is embedded into the transmit network packet traffic and is recovered from the network
packet traffic at the receiver node. The receive clock is recovered from the received Ethernet packet data stream
and is locked to the transmit clock in the partner.
Using the I/O Configuration register (address 0x0170), the DP83867 can be configured to output these internal
clocks via the CLK_OUT pin. By default, the output clock is synchronous to the X_I oscillator / crystal input. The
default output clock is suitable for use as the reference clock of another DP83867 device. Via registers, the
output clock can be configured to be synchronous to the receive data at the 125-MHz data rate or at the divide
by 5 rate of 25 MHz. It can also be configured to output the line driver transmit clock. When operating in
1000Base-T mode, the output clock can be configured for any of the four transmit or receive channels.
The output clock can be disabled using the CLK_O_DISABLE bit of the I/O Configuration register.
20
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com