Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83867CS Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # DP83867CS
Description  High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83867CS Datasheet(HTML) 26 Page - Texas Instruments

Back Button DP83867CS Datasheet HTML 22Page - Texas Instruments DP83867CS Datasheet HTML 23Page - Texas Instruments DP83867CS Datasheet HTML 24Page - Texas Instruments DP83867CS Datasheet HTML 25Page - Texas Instruments DP83867CS Datasheet HTML 26Page - Texas Instruments DP83867CS Datasheet HTML 27Page - Texas Instruments DP83867CS Datasheet HTML 28Page - Texas Instruments DP83867CS Datasheet HTML 29Page - Texas Instruments DP83867CS Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 114 page
background image
DP83867CS, DP83867IS, DP83867E
SNLS504 – OCTOBER 2015
www.ti.com
9.4.2.1 Extended Address Space Access
The DP83867 SMI function supports read/write access to the extended register set using registers REGCR
(0x000Dh) and ADDAR (0x000Eh) and the MDIO Manageable Device (MMD) indirect method defined in
IEEE802.3ah Draft for clause 22 for accessing the clause 45 extended register set.
The standard register set, MDIO registers 0 to 31, is accessed using the normal direct-MDIO access or the
indirect method, except for register REGCR (0x000Dh) and ADDAR (0x000Eh) which is accessed only using the
normal MDIO transaction. The SMI function will ignore indirect accesses to these registers.
REGCR (0x000Dh) is the MDIO Manageable MMD access control. In general, register REGCR(4:0) is the device
address DEVAD that directs any accesses of ADDAR (0x000Eh) register to the appropriate MMD.
The DP83867 supports one MMD device address. The vendor-specific device address DEVAD[4:0] = "11111" is
used for general MMD register accesses.
All accesses through registers REGCR and ADDAR must use the correct DEVAD. Transactions with other
DEVAD are ignored. REGCR[15:14] holds the access function: address (00), data with no post increment (01),
data with post increment on read and writes (10) and data with post increment on writes only (11).
•
ADDAR is the address/data MMD register. ADDAR is used in conjunction with REGCR to provide the access
to the extended register set. If register REGCR[15:1] is 00, then ADDAR holds the address of the extended
address space register. Otherwise, ADDAR holds the data as indicated by the contents of its address
register. When REGCR[15:14] is set to 00, accesses to register ADDAR modify the extended register set
address register. This address register must always be initialized in order to access any of the registers within
the extended register set.
•
When REGCR[15:14] is set to 01, accesses to register ADDAR access the register within the extended
register set selected by the value in the address register.
•
When REGCR[15:14] is set to 10, access to register ADDAR access the register within the extended register
set selected by the value in the address register. After that access is complete, for both reads and writes, the
value in the address register is incremented.
•
When REGCR[15:14] is set to 11, access to register ADDAR access the register within the extended register
set selected by the value in the address register. After that access is complete, for write accesses only, the
value in the address register is incremented. For read accesses, the value of the address register remains
unchanged.
The following sections describe how to perform operations on the extended register set using register REGCR
and ADDAR. The descriptions use the device address for general MMD register accesses (DEVAD[4:0] =
"11111").
9.4.2.2 Write Address Operation
1. Write the value 0x001F (address function field = 00, DEVAD = 31) to register REGCR.
2. Write the desired register address to register ADDAR.
Subsequent writes to register ADDAR (step 2) continue to write the address register.
9.4.2.3 Read Address Operation
To read the address register:
1. Write the value 0x001F (address function field = 00, DEVAD = 31) to register REGCR.
2. Read the register address from register ADDAR.
26
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com