Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25TA02K-PC6C5 Datasheet(PDF) 56 Page - STMicroelectronics

Part # ST25TA02K-PC6C5
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and General Purpose Digital Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA02K-PC6C5 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button ST25TA02K-PC6C5 Datasheet HTML 52Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 53Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 54Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 55Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 56Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 57Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 58Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 59Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
GPO characteristics
ST25TA02K-P
56/64
DocID027794 Rev 2
10
GPO characteristics
This section summarizes the operating and measurement conditions of the GPO feature.
The parameters in the DC and AC characteristic tables that follow are derived from tests
performed under the measurement conditions summarized in the relevant tables. GPO is
CMOS compliant.
Note:
The GPO (general purpose output) can sink or source at least 0.7 mA @1.65V , 2mA
@2.7V, 4mA @ 5.5V.
Table 57. GPO Operating Conditions
Symbol
Parameter
Min.
Max.
Unit
VDCG
GPO Power Supply
1.65
5.5
V
Table 58. DC characteristics
Symbol
Parameter
Test condition
Min.
Max.
Unit
VOL
Output Low voltage (GPO)
IOL = 0.7 mA, VDCG = 1.65V
-
0.2VDCG
V
VOH
Output High voltage (GPO)
IOH = -0.7 mA, VDCG = 1.65V
0.8VDCG
-V
VOL
Output Low voltage (GPO)
IOL = 2 mA, VDCG = 2.7V
-
0.2VDCG
V
VOH
Output High voltage (GPO)
IOH = -2 mA, VDCG 2.7V
0.8VDCG
-V
VOL
Output Low voltage (GPO)
IOL = 4 mA, VDCG 5.5V
-
0.2VDCG
V
VOH
Output High voltage (GPO)
IOH = -4 mA, VDCG = 5.5V
0.8VDCG
-V
Table 59. GPO AC Characteristics
Symbol
Parameter
Test condition
Min.
Max.
Unit
tf(IO)out
Output fall time(1)
1. Vref(t) output timing reference levels 0.3 VDCG to 0.7 VDCG V.
CL = 50 pF, VDCG = 1.65 V to 5.5 V
-90(2)(3)
2. Characterization only on bench.
3. When GPO is set in RF Field detection mode return to quiet position could request long time depending of
ST25TA02K-P activity (~20ms).
ns
tr(IO)out
Output rise time(1)
CL = 50 pF, VDCG = 1.65 V to 5.5 V
-90(2)
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com