Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25TA02K-PC6C5 Datasheet(PDF) 48 Page - STMicroelectronics

Part # ST25TA02K-PC6C5
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and General Purpose Digital Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA02K-PC6C5 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button ST25TA02K-PC6C5 Datasheet HTML 44Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 45Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 46Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 47Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 48Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 49Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 50Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 51Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 64 page
background image
RF command sets
ST25TA02K-P
48/64
DocID027794 Rev 2
5.9.2
RATS command and ATS response
RATS command and ATS response are used for NFC Forum Type 4A Tag Platform Device
Activation (as defined in NFC Forum Digital Protocol specification).
Table 49 details the RATS command. This command shall be sent after the anticollision
process.
The FSDI field codes the FSD that defines the maximum size that an RF host is able to
receive. Table 50 gives the conversion from FDSI to FSD.
The DID field defines the value of the addressed ST25TA02K-P.
SEL_REQ 1
93 70 CT
uid1 uid2
uid3 BBC
NVB 70
(cmd NVB Uid lower bytes)
CT Cascade Tag “0x88”
SAK & CRC
04 DAD7
UID Not complete
SDD_REQ 2
95 20
NVB 20
Number Valid bit
(2 bytes Code & NVB)
-
uid4 uid5
uid6 uid7
BCC
(UID 7bytes)
BCC Block Check
Character
(XOR previous Bytes)
SEL_REQ 1
95 70
uid4 uid5
uid6 uid7
BBC
NVB 70
(cmd NVB Uid Upper
bytes)
SAK & CRC
20 FC70
UID complete
Table 48. Example of anticollision sequence (continued)
Command
Code
Comment
Response
Code
Comment
Table 49. RATS command
Name
INS
Param
CRC
Byte field
0xE0
1 byte
2 bytes
Bit field
-
b7-b4
b3-b0
-
Instruction code
FSDI
DID (0
≤ DID ≤ 14)
2 CRC bytes
Table 50. Conversion from FDSI to FSD
FSDI
0x0
0x1
0x2
0x3
0x4
0x5
0x6
0x7
0x8
0x9h-
0xE
0xF
FSD
16
24
32
40
48
64
96
128
256
RFU
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com