Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25TA02K-PC6C5 Datasheet(PDF) 62 Page - STMicroelectronics

Part # ST25TA02K-PC6C5
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and General Purpose Digital Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA02K-PC6C5 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button ST25TA02K-PC6C5 Datasheet HTML 56Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 57Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 58Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 59Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 60Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 61Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 62Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 63Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 64Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 62 / 64 page
background image
Part numbering
ST25TA02K-P
62/64
DocID027794 Rev 2
14
Part numbering
Note:
Parts marked as “ES”, “E” or accompanied by an Engineering Sample notification letter, are
not yet qualified and therefore not yet ready to be used in production and any consequences
deriving from such usage will not be at ST charge. In no event, ST will be liable for any
customer usage of these engineering samples in production. ST Quality has to be contacted
prior to any decision to use these Engineering samples to run qualification activity.
Table 65. Ordering information scheme for packaged devices
ST25
T
A
02K
-
P
C
6
H/C 5
Device type
ST25 = RF memory
Product Type
T = Tags +RFID
Protocol
A = ISO14443-A
Memory density
02K (binary)
Interface
P = P-CMOS GPO
Features
C = Counter as option
Operating temperature
6 = -40oC to +85oC
Package / Packing
H = DFN5
C = DFN8
Capacitor value
5 = 50 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com