Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25TA02K-PC6C5 Datasheet(PDF) 46 Page - STMicroelectronics

Part # ST25TA02K-PC6C5
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and General Purpose Digital Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA02K-PC6C5 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ST25TA02K-PC6C5 Datasheet HTML 42Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 43Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 44Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 45Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 46Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 47Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 48Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 49Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
RF command sets
ST25TA02K-P
46/64
DocID027794 Rev 2
Table 44 defines the R-APDU of the read binary command.
Note:
Note: For further return codes and definitions, refer to Section 5.6.2: Status and error codes.
5.8.2
EnablePermanentState command
The command configures the NDEF file to the ReadOnly or to the WriteOnly State.
This command can update the right access to the NDEF file by writing into the EEPROM. In
this case, the response timing will be around 6 ms.
Table 45 defines the EnablePermanentState requirement command.
Table 46 defines the R-APDU of the EnablePermanentState command.
Table 44. R-APDU of the ExtendedReadBinary command
Data
SW1
SW2
comment
Length
Le bytes
1 byte
1 byte
-
Value
Content read
0x90
0x00
Command completed
Value
-
0x67
0x00
Wrong length
Value
-
0x69
0x82
Security status not satisfied
Value
-
0x6A
0x82
File or application not found
Value
-
0x6A
0x86
Incorrect P1 or P2 values
Table 45. EnablePermanentState command format
Name
CLA
INS
P1 & P2
Lc
Data
Le
-
0xA2
0x28
2 bytes
-
-
-
Class byte
Instruction code
New security attributes
0x0001: Lock the NDEF file in read mode
0x0002: Lock the NDEF file in write mode
Other: RFU
(empty field)
(empty field)
(empty field)
Table 46. R-APDU table of the EnablePermanentState command
Data
SW1
SW2
Comment
Length
-
1 byte
1 byte
-
Value
-
0x90
0x00
Command completed
Value
-
0x65
0x81
Update failed
Value
-
0x69
0x82
Security status not satisfied



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com