Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25TA02K-PC6C5 Datasheet(PDF) 60 Page - STMicroelectronics

Part # ST25TA02K-PC6C5
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and General Purpose Digital Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA02K-PC6C5 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button ST25TA02K-PC6C5 Datasheet HTML 56Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 57Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 58Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 59Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 60Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 61Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 62Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 63Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 64Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 60 / 64 page
background image
Package information
ST25TA02K-P
60/64
DocID027794 Rev 2
Table 63. UFDFN8 - 8-lead, 2 × 3 mm, 0.5 mm pitch ultra thin profile fine pitch dual flat
package mechanical data
Symbol
millimeters
inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
0.450
0.550
0.600
0.0177
0.0217
0.0236
A1
0.000
0.020
0.050
0.0000
0.0008
0.0020
b(2)
2. Dimension b applies to plated terminal and is measured between 0.15 and 0.30 mm from the terminal tip.
0.200
0.250
0.300
0.0079
0.0098
0.0118
D
1.900
2.000
2.100
0.0748
0.0787
0.0827
D2
1.500
1.600
1.700
0.0591
0.0630
0.0669
E
2.900
3.000
3.100
0.1142
0.1181
0.1220
E2
0.100
0.200
0.300
0.0039
0.0079
0.0118
e
-
0.500
-
0.0197
K
0.800
-
-
0.0315
-
-
L
0.400
0.450
0.500
0.0157
0.0177
0.0197
L1
-
-
0.150
-
-
0.0059
L3
0.300
-
-
0.0118
-
-
aaa
-
-
0.150
-
-
0.0059
bbb
-
-
0.100
-
-
0.0039
ccc
-
-
0.100
-
-
0.0039
ddd
-
-
0.050
-
-
0.0020
eee(3)
3. Applied for exposed die paddle and terminals. Exclude embedding part of exposed die paddle from
measuring.
-
-
0.080
-
-
0.0031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com