Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9662 Datasheet(PDF) 67 Page - STMicroelectronics

Part # L9662
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 63Page - STMicroelectronics L9662 Datasheet HTML 64Page - STMicroelectronics L9662 Datasheet HTML 65Page - STMicroelectronics L9662 Datasheet HTML 66Page - STMicroelectronics L9662 Datasheet HTML 67Page - STMicroelectronics L9662 Datasheet HTML 68Page - STMicroelectronics L9662 Datasheet HTML 69Page - STMicroelectronics L9662 Datasheet HTML 70Page - STMicroelectronics L9662 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 80 page
background image
DocID028325 Rev 1
67/80
L9662
Functional description
79
The MOSI input takes data from the master microprocessor while CS_S is asserted. The
MSB is the first bit of each word received on MOSI and the LSB is the last bit of each word
received on MOSI. This pin has TTL level compatible input voltages allowing proper
operation with microprocessors using a 3.3 to 5.0 volt supply.
When data is transmitted for any of the first 4 words on MISO then the SR will be the 5th
word. This is required to identify good vs. bad data since, depending on the data mode, all
16 bits from a satellite can be data.
Satellite module configuration register (MCR)
This register defines the global configuration to the satellite module.
The MCR will be the 1st word in the message of the MOSI transfer. The micro MUST never
write the MCR in the wrong position because it will be recognized by the ASIC as a CCR.
The SPI message definition for MOSI commands and MISO responses for the MCR are
defined below.
Command/
Mode
MOSI Bit Definition
D15 D14 D13
D12
D11
D10
D09
D08
D07
D06
D05
D04
D03 D02 D01
D00
MOSI Command
MCR
0
0 CH4P CH3P CH2P CH1P SPL1 SPL0 IV4EN IV3EN IV4SEL IV3SEL SW RD
0
odd
MISO Response
MCR
0
0
CH4P CH3P CH2P CH1P SPL
SPL IV4EN IV3EN IV4SEL IV3SEL SW RD
0
odd
Table 36. MOSI MCR bit definition
Bit
MOSI Command MS – Mode‘D3’=0
MOSI Command PSI5 – Mode‘D3’=1
State
Description
D15
0
D14
0
Register Selection (SR/MCR)
D13
0
1
CH3 Protocol A Mode (default)
CH3 Protocol B Mode
Not valid
PSI5 Parity
D12
0
1
CH2 Protocol A Mode (default)
CH2 Protocol B Mode
Not valid
PSI5 Parity
D11
0
1
CH1 Protocol A Mode (default)
CH1 Protocol B Mode
Not valid
PSI5 Parity
D10
0
1
CH0 Protocol A Mode (default)
CH0 Protocol B Mode
Not valid
PSI5 Parity
D9
0
Sync Pulse length
Sync Pulse length
D8
0
D7
0
Disable IF3/V3 pin (default)
Disable IF3/V3 pin (default) Enable IF3/V3 pin
1
Enable IF3/V3 pin
D6
0
Disable IF2/V2 pin (default)
Disable IF3/V3 pin (default) Enable IF3/V3 pin
D5
IF3/V3 Output Selection
IF3/V3 Output Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com