Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9662 Datasheet(PDF) 50 Page - STMicroelectronics

Part # L9662
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 46Page - STMicroelectronics L9662 Datasheet HTML 47Page - STMicroelectronics L9662 Datasheet HTML 48Page - STMicroelectronics L9662 Datasheet HTML 49Page - STMicroelectronics L9662 Datasheet HTML 50Page - STMicroelectronics L9662 Datasheet HTML 51Page - STMicroelectronics L9662 Datasheet HTML 52Page - STMicroelectronics L9662 Datasheet HTML 53Page - STMicroelectronics L9662 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 80 page
background image
Functional description
L9662
50/80
DocID028325 Rev 1
The DEPLOY_SUCCESSx flag indicates if the corresponding channel’s drivers were
activated and that the activation period has completed. This bit is set when the activation
period has expired. The DEPLOY_SUCCESSx flag will be ‘1’ until it is cleared by writing a
‘1’ to the appropriate channel(s) (bits D7-D0).
The DEPLOY_STATUSx bit will become ‘1’ when there is a valid Arm and Fire sequence for
the corresponding channel. The DEPLOY_STATUSx bit transitioning from a ‘0’ to a ‘1’ does
not depend on the state of the FEN function. It will become ‘0’ when time out has expired.
Table 27. MOSI diagnostic mode 2 bit definition
Bit
MOSI Command
MISO Response
State
Description
D15
1
Mode bits
See above for state
D14
1
See above for state
D13
Odd Parity – Includes all 16 bits
Odd Parity – Includes all 16 bits
D12
0
See above for state
D11
0
Monitor Mode selection bits
See above for state
D10
0
Monitor Mode selection bits
See above for state
D9
0
See above for state
D8
0
Report Deploy Success Flag (default)
Internal state of report setting
1
Report Deploy Status
D7
0
Keep Deploy Success Flag Channel 7
(default)
Deploy Information for channel based on
bit D8 Will Either be DEPLOY_STATUS7
or DEPLOY_SUCCESS7
1
Clear Deploy Success Flag Channel 7
D6
0
Keep Deploy Success Flag Channel 6
(default)
Deploy Information for channel based on
bit D8 Will Either be DEPLOY_STATUS6
or DEPLOY_SUCCESS6
1
Clear Deploy Success Flag Channel 6
D5
0
Keep Deploy Success Flag Channel 5
(default)
Deploy Information for channel based on
bit D8 Will Either be DEPLOY_STATUS5
or DEPLOY_SUCCESS5
1
Clear Deploy Success Flag Channel 5
D4
0
Keep Deploy Success Flag Channel 4
(default)
Deploy Information for channel based on
bit D8 Will Either be DEPLOY_STATUS4
or DEPLOY_SUCCESS4
1
Clear Deploy Success Flag Channel 4
D3
0
Keep Deploy Success Flag Channel 3
(default)
Deploy Information for channel based on
bit D8 Will Either be DEPLOY_STATUS3
orDEPLOY_SUCCESS3
1
Clear Deploy Success Flag Channel 3
D2
0
Keep Deploy Success Flag Channel 2
(default)
Deploy Information for channel based on
bit D8 Will Either be DEPLOY_STATUS2
or DEPLOY_SUCCESS62
1
Clear Deploy Success Flag Channel 2
D1
0
Keep Deploy Success Flag Channel 1
(default)
Deploy Information for channel based on
bit D8Will Either be DEPLOY_STATUS1
or DEPLOY_SUCCESS1
1
Clear Deploy Success Flag Channel 1
D0
0
Keep Deploy Success Flag Channel 0
(default)
Deploy Information for channel based on
bit D8 Will Either be DEPLOY_STATUS0
or DEPLOY_SUCCESS0
1
Clear Deploy Success Flag Channel 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com