Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9662 Datasheet(PDF) 35 Page - STMicroelectronics

Part # L9662
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 31Page - STMicroelectronics L9662 Datasheet HTML 32Page - STMicroelectronics L9662 Datasheet HTML 33Page - STMicroelectronics L9662 Datasheet HTML 34Page - STMicroelectronics L9662 Datasheet HTML 35Page - STMicroelectronics L9662 Datasheet HTML 36Page - STMicroelectronics L9662 Datasheet HTML 37Page - STMicroelectronics L9662 Datasheet HTML 38Page - STMicroelectronics L9662 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 80 page
background image
DocID028325 Rev 1
35/80
L9662
Functional description
79
Figure 9. Squib diagnostics block diagram
Short to battery/ground and loop to loop diagnostics
The leakage diagnostic includes a short to battery, a short to ground and a short between
loop tests. The test will be run for each SQHx and SQLx pin so that shorts can be detected
regardless of the resistance between the squib pins.
Normal short to battery/ground diagnostics.
For the test the internal VRCM is switched on and connected to the selected pin (SQHx or
SQLx). The IPD bit will be selected to be OFF which will deactivate the pulldown current on
all the channels. During the test if no leakage is present the voltage on the selected SQHx
or SQLx pin will be equal to VBIAS and no current is sunk or sourced by VRCM. If a leakage
to ground or battery, the VRCM will sink or source a current less than ISVRCM trying to
keep VBIAS. Two current comparators, ISTB and ISTG, will detect the abnormal current
flow.
Loop to loop diagnostics
For this test the same procedure is followed except the pulldown current (IPD) is selected to
be ON which will deactivate the pulldown current only on the channel under test with all
other channel pulldown currents active. If a short to ground fault is active, assuming it was
not active during normal short to battery/ground diagnostics, then that particular channel
has a short to another squib loop. To detect loop to loop shorts between ASICs in the
system the Stop diagnostics command with IPD enabled needs to be sent to the other
ASICs before running the loop to loop diagnostics on the channel to be monitored. If the
channel being monitored has a short to ground fault active, assuming it was not active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com