Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VX6854LC Datasheet(PDF) 52 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 52 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 48Page - STMicroelectronics VX6854LC Datasheet HTML 49Page - STMicroelectronics VX6854LC Datasheet HTML 50Page - STMicroelectronics VX6854LC Datasheet HTML 51Page - STMicroelectronics VX6854LC Datasheet HTML 52Page - STMicroelectronics VX6854LC Datasheet HTML 53Page - STMicroelectronics VX6854LC Datasheet HTML 54Page - STMicroelectronics VX6854LC Datasheet HTML 55Page - STMicroelectronics VX6854LC Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 114 page
background image
Video data interface
VX6854LC
52/114
DocID027110 Rev 2
5
Video data interface
The video stream which is output from the VX6854LC using the compact camera port (CCP)
or camera serial interface (CSI) contains both video data and other auxiliary information.
This chapter describes the frame formats.
The VX6854LC is SMIA version 1.0 and MIPI CSI-2 version 1.00 and D-PHY 0.90
compliant.
The selection of the video data format is controlled using the following register:
CSI_SIGNALLING_MODE (0x0111)
0 - CCP2 Data/Clock
1 - CCP2 Data/strobe
2 - CSI-2 (default)
Changing the video data format must be performed when the sensor is in software standby.
The VX6854LC has one CSI-2 data lane capable of transmitting at 800 Mbps.
The CSI-2 data lane transmitter supports:
unidirectional master
–HS-TX
LP-TX (ULPS)
CIL-MUYN function
The CSI-2 clock lane transmitter supports:
unidirectional master
–HS-TX
LP-TX (ULPS)
CIL-MCNN function
5.1
Frame format
The frame format for the VX6854LC is described by the frame format description registers,
see Table 13 on page 31. For CCP this results in a frame as shown in Figure 12 and for CSI
it results in a frame as shown in Figure 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com