Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VX6854LC Datasheet(PDF) 58 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 58 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 54Page - STMicroelectronics VX6854LC Datasheet HTML 55Page - STMicroelectronics VX6854LC Datasheet HTML 56Page - STMicroelectronics VX6854LC Datasheet HTML 57Page - STMicroelectronics VX6854LC Datasheet HTML 58Page - STMicroelectronics VX6854LC Datasheet HTML 59Page - STMicroelectronics VX6854LC Datasheet HTML 60Page - STMicroelectronics VX6854LC Datasheet HTML 61Page - STMicroelectronics VX6854LC Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 114 page
background image
Video timing
VX6854LC
58/114
DocID027110 Rev 2
Figure 17. Scaler quality
Down scaler factor
The down scaler factor is controlled by an M/N ratio, scale_m is >= 16 and scale_n is fixed
at 16. scale_m is in the range 16 to 129.
This single down scale factor is used by both the horizontal and vertical scalers.
The scaler acts upon the addressed region of the array which is determined by the
x_addr_start, y_addr_start, x_addr_end and y_addr_end registers.
If the down scale factor is greater than 1.0, then the derating factor must also be set greater
than 1.0. Refer to Section 6.2.4: Derating on page 63 for details.
Note:
The derating can be set to a minimum value, for example if op_pix_clk_div=10, setting
vt_pix_clk_div=9 would meet this requirement.
Figure 18. Example image full scaled by a downscale factor of 2
Pixel array output
Bayer sampled scaling
Co-sited sampling
down_scale_factor =
scale_m
scale_m
scale_n
16
=
Downscale by 2
Full (Horizontal and Vertical) Scaling
Raw Bayer Image



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com