Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VX6854LC Datasheet(PDF) 17 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 13Page - STMicroelectronics VX6854LC Datasheet HTML 14Page - STMicroelectronics VX6854LC Datasheet HTML 15Page - STMicroelectronics VX6854LC Datasheet HTML 16Page - STMicroelectronics VX6854LC Datasheet HTML 17Page - STMicroelectronics VX6854LC Datasheet HTML 18Page - STMicroelectronics VX6854LC Datasheet HTML 19Page - STMicroelectronics VX6854LC Datasheet HTML 20Page - STMicroelectronics VX6854LC Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 114 page
background image
DocID027110 Rev 2
17/114
VX6854LC
Functional description
69
3
Functional description
This chapter details the main blocks in the device in the following sections:
Section 3.1: Analog video block
Section 3.2: Digital video block
Section 3.4: Power management on page 19
This chapter also describes:
the device’s operating modes, see Section 3.3 on page 18
clock and frame rate control, see Section 3.5 on page 26
control and video interface formats, see Section 3.6 on page 28
3.1
Analog video block
The analog video block, shown in Figure 5, consists of a 3.15 Mpixel resolution pixel array,
power management circuitry. The digital block provides all timing signals to drive the analog
block.
Figure 5. Overview of analog video block
Pixel voltage values are read out and digitized using the address decoders and column
ADC.
3.15MP
pixel array
Y address
Digital
logic
raw sensor data
Timing signals
Timing signals
Power
management
SRAM readout
X-Address
Column ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com