Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VX6854LC Datasheet(PDF) 55 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 55 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 51Page - STMicroelectronics VX6854LC Datasheet HTML 52Page - STMicroelectronics VX6854LC Datasheet HTML 53Page - STMicroelectronics VX6854LC Datasheet HTML 54Page - STMicroelectronics VX6854LC Datasheet HTML 55Page - STMicroelectronics VX6854LC Datasheet HTML 56Page - STMicroelectronics VX6854LC Datasheet HTML 57Page - STMicroelectronics VX6854LC Datasheet HTML 58Page - STMicroelectronics VX6854LC Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 114 page
background image
DocID027110 Rev 2
55/114
VX6854LC
Video timing
69
6
Video timing
6.1
Output size
The VX6854LC has the following methods available to achieve the required output size,
these can be used independently or in conjunction with any other:
•
programmable addressable region of the pixel array
•
programmable width and height for output image data
•
scaling
•
subsampling
The programmable image size and output size are independent functions. It is the
responsibility of the host to ensure that these functions are programmed correctly for the
intended application. These functions also reduce the amount of data and therefore reduce
the peak data rate of CCP2/CSI-2.
6.1.1
Programmable addressable region of the pixel array
The native size for the VX6854LC is 2048 x 1536, the maximum addressable array is 2064
x 1552 which gives border (outer 8 rows and 8 columns) pixels for the color reconstruction
algorithms to use at the edges of the array.
By programming the x_addr_start, y_addr_start, x_addr_end and y_addr_end registers it is
possible to use the full size of the array as you would do for a native size output or you can
select a “window of interest”. The addressed region of the array is used in any subsequent
sub-sampling or scaling.
Figure 14. Programmable addressable region of the pixel array
y_addr_max =1551
x_addr_max =2063
y_addr_min = 0
x_addr_min = 0
x_addr_max, y_addr_max
x_addr_end, y_addr_end
Addressed
pixel array region
x_addr_start, y_addr_start
x_addr_min, y_addr_min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com