Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VX6854LC Datasheet(PDF) 28 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 28 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 24Page - STMicroelectronics VX6854LC Datasheet HTML 25Page - STMicroelectronics VX6854LC Datasheet HTML 26Page - STMicroelectronics VX6854LC Datasheet HTML 27Page - STMicroelectronics VX6854LC Datasheet HTML 28Page - STMicroelectronics VX6854LC Datasheet HTML 29Page - STMicroelectronics VX6854LC Datasheet HTML 30Page - STMicroelectronics VX6854LC Datasheet HTML 31Page - STMicroelectronics VX6854LC Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 114 page
background image
Functional description
VX6854LC
28/114
DocID027110 Rev 2
3.6
Control and video interface formats
Image data is transferred from the VX6854LC using a high speed subLVDS serial link.The
serial control data is transferred to and from the VX6854LC using a CCI bus.
3.6.1
CCP/CSI-2 serial data link
Data signals (DATA+ and DATA-) and clock signals (CLK+ and CLK-) are transferred from
VX6854LC using two pairs of balanced 100
Ω impedance transmission lines.
The transmission line pairs and custom transmitters/receivers realize a very low voltage
differential (subLVDS) signalling scheme that can transfer information in a potentially noisy
environment.
As implemented in VX6854LC, the CCP link supports the transmission of raw bayer data at
3.15 Mpixel resolution up to 20 frame/s at 8-bit or 10-8 bit compressed resolution or
15 frame/s at 10-bit resolution.
As implemented in VX6854LC, the CSI-2 link supports the transmission of raw bayer data at
3.15 Mpixel resolution up to 20 frame/s at 10-bit resolution.
3.6.2
CCI serial control bus
The internal registers in VX6854LC can be configured by a master device using a CCI bus
(SDA, SCL). VX6854LC sends and receives commands over this bus at up to 400 Kbit/s.
The CCI bus uses a device address of 0x20 for writes and 0x21 for reads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com