Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WS31-250-R1K-L35-2 Datasheet(PDF) 20 Page - ASM GmbH

Part # WS31-250-R1K-L35-2
Description  Compact OEM sensors for large order volumes
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS31-250-R1K-L35-2 Datasheet(HTML) 20 Page - ASM GmbH

Back Button WS31-250-R1K-L35-2 Datasheet HTML 16Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 17Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 18Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 19Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 20Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 21Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 22Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 23Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 24Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
POSIWIRE®
WS42
Analog output
DB-WS42-E-2015-06
1.0.0 | © ASM GmbH
5/15
www.asm-sensor.com
Tel. +49 (0)8123 - 986 - 0
Order code
WS42
–
1
–
2
–
3
–
4
1 Measurement range (in mm)
750 / 1000
2 Output
R1K
= Potentiometer 1 KΩ
3 Linearity
L35
= ±0.35%
4 Sensor mounting
1
= Mounting brackets
2
= Spacer nuts
Order example
WS42 – 1000 – R1K – L35 – 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com