Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WS31-250-R1K-L35-2 Datasheet(PDF) 46 Page - ASM GmbH

Part # WS31-250-R1K-L35-2
Description  Compact OEM sensors for large order volumes
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS31-250-R1K-L35-2 Datasheet(HTML) 46 Page - ASM GmbH

Back Button WS31-250-R1K-L35-2 Datasheet HTML 42Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 43Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 44Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 45Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 46Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 47Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 48Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 49Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 50Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
POSIWIRE®
WS42C
Analog output
DB-WS42C-E-2015-06
1.0.0 | © ASM GmbH
4/12
www.asm-sensor.com
Tel. +49 (0)8123 - 986 - 0
Analog output
Compact OEM sensor for large order
volumes
•
Measurement range up to 1000 mm
•
Protection class IP50
•
Mounting selectable between mounting
brackets or spacer nuts
•
Analog output
Specifications
Output
R1K
= Potentiometer 1 kΩ
10V
= Voltage 0 ... 10 V
420A
= Current 4 ... 20 mA, 2 wire
Resolution
Analog: quasi infinite
Linearity
±0.35% f.s., other values on request
Sensing device
Precision potentiometer
Housing material
Plastic, aluminium
measuring cable: stainless steel
Protection class
IP50
Connection
Cable output, standard length 2 m
Connector M8, 4-pin (only for output R1K)
Temperature range
-15 ... +60 °C, max. 85 % RH, non condensing
Weight
Approx. 125 g
Pull-out force
750 mm:
2.5 N
1000 mm:
1.7 N
EMC
EN 61326-1:2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com