Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WS31-250-R1K-L35-2 Datasheet(PDF) 27 Page - ASM GmbH

Part # WS31-250-R1K-L35-2
Description  Compact OEM sensors for large order volumes
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS31-250-R1K-L35-2 Datasheet(HTML) 27 Page - ASM GmbH

Back Button WS31-250-R1K-L35-2 Datasheet HTML 23Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 24Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 25Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 26Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 27Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 28Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 29Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 30Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 31Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 54 page
background image
POSIWIRE®
WS42
Output specifications
DB-WS42-E-2015-06
1.0.0 | © ASM GmbH
12/15
www.asm-sensor.com
Tel. +49 (0)8123 - 986 - 0
Output specifications
Analog outputs
Voltage divider R1K
Potentiometer
Excitation voltage
32 V DC max. at 1 kΩ (max. power 1 W)
Potentiometer impedance
1 kΩ ±10 %
Thermal coefficient
±25 x 10-6 / °C f.s.
Sensitivity
Depends on the measuring range, individual
sensitivity of the sensor is specified on the
label
Voltage divider utilization range
approx. 3 % … 97 %
Operating temperature
Refer to output specification
EMC
EN 61326-1:2013
Output signals
+Excitation
Note:
The metal wiper of the potentiometer must be protected
against current load!
Electrical current flow impact on the wiper causes linearity
errors and shortens the lifetime of the potentiometer.
See:
http://www.asm-sensor.com/asm/pdf/pro/ws_poti_technote_en.pdf
Metal wiper
Signal wiring potentiometer WS31 / WS42
Signal
CT-Poti / 5-Turn
WS31: 250 mm
Multi-Turn-Poti / 10-Turn
WS31, WS42: 500 / 750 / 1000 mm
Poti +
M
CCW
Poti GND
CW
CW
Poti slider
S
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com