Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WS31-250-R1K-L35-2 Datasheet(PDF) 53 Page - ASM GmbH

Part # WS31-250-R1K-L35-2
Description  Compact OEM sensors for large order volumes
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS31-250-R1K-L35-2 Datasheet(HTML) 53 Page - ASM GmbH

Back Button WS31-250-R1K-L35-2 Datasheet HTML 46Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 47Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 48Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 49Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 50Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 51Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 52Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 53Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 54Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 53 / 54 page
background image
POSIWIRE®
WS42C
Accessories
DB-WS42C-E-2015-06
1.0.0 | © ASM GmbH
11/12
www.asm-sensor.com
Tel. +49 (0)8123 - 986 - 0
Accessories
Connector cable M8, 4 pin
(angular coupling)
shielded
The 4-lead shielded cable is supplied
with a mating 4-pin 90° M8 connector at
one end and 4 wires at the other end.
Available lengths are 2 m, 5 m and 10 m.
Wire cross sectional area 0.14 mm²
Order code:
KAB - xM – M8/4F/W - LITZE
IP69:
KAB - xM – M8/4F/W/69K - LITZE
xM = length in m
Connector cable M8, 4 pin
(straight coupling)
shielded
The 4-lead shielded cable is supplied
with a mating 4-pin M8 connector at one
end and 4 wires at the other end.
Available lengths are 2 m, 5 m and 10 m.
Wire cross sectional area 0.14 mm²
Order code:
KAB - xM – M8/4F/G - LITZE
IP69:
KAB - xM – M8/4F/G/69K - LITZE
xM = length in m
Signal wiring
M8, 4 pin
Plug connection / Cable color
1
2
3
4
brown
white
blue
black
Applicable for cable carriers
Maximum movement speed
3 m/s
Maximum acceleration
5 m/s2
Minimum bending radius
10 x cable diameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com