Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WS31-250-R1K-L35-2 Datasheet(PDF) 52 Page - ASM GmbH

Part # WS31-250-R1K-L35-2
Description  Compact OEM sensors for large order volumes
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS31-250-R1K-L35-2 Datasheet(HTML) 52 Page - ASM GmbH

Back Button WS31-250-R1K-L35-2 Datasheet HTML 46Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 47Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 48Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 49Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 50Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 51Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 52Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 53Page - ASM GmbH WS31-250-R1K-L35-2 Datasheet HTML 54Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
POSIWIRE®
WS42C
Analog outputs
DB-WS42C-E-2015-06
1.0.0 | © ASM GmbH
10/12
www.asm-sensor.com
Tel. +49 (0)8123 - 986 - 0
Signal conditioner 420A
Current output (2 wire)
Excitation voltage
12 ... 27 V DC non stabilized, measured at the
sensor terminals
Excitation current
35 mA max.
Output current
4 ... 20 mA equivalent for 0 ... 100 % range
Stability (temperature)
±100 x 10-6 / °C f.s.
Protection
Reversed polarity, short circuit
Output noise
0.5 mVeff
Operating temperature
Refer to output specification
EMC
EN 61326-1:2013
Output signals
420A
4 … 20 mA
Signal +
Signal -
Signal wiring
Signal
Connector pin no.
Cable color
View to sensor
connector
Signal +
1
white
Signal -
2
brown
Not connected
3
-
Not connected
4
-
Not connected
5
-
Not connected
6
-
Not connected
7
-
Not connected
8
-
CONN-M12-8F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com