Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT90LS4433-4PC Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT90LS4433-4PC
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4PC Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT90LS4433-4PC Datasheet HTML 4Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 5Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 6Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 7Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 8Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 9Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 10Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 11Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 126 page
background image
8
AT90S/LS4433
1042H–AVR–04/03
The I/O memory space contains 64 addresses for CPU peripheral functions such as
Control Registers, Timer/Counters, A/D Converters and other I/O functions. The I/O
memory can be accessed directly, or as the Data Space locations following those of the
Register File, $20 - $5F.
The AVR uses a Harvard architecture concept – with separate memories and buses for
program and data. The Program memory is executed with a two-stage pipeline. While
one instruction is being executed, the next instruction is pre-fetched from the Program
memory. This concept enables instructions to be executed in every clock cycle.
The Program memory is In-System Programmable Flash memory.
With the relative jump and call instructions, the whole 2K word address space is directly
accessed. Most AVR instructions have a single 16-bit word format. Every program
memory address contains a 16- or 32-bit instruction.
During interrupts and subroutine calls, the return address Program Counter (PC) is
stored on the Stack. The Stack is effectively allocated in the general data SRAM and,
consequently, the Stack size is only limited by the total SRAM size and the usage of the
SRAM. All user programs must initialize the SP in the reset routine (before subroutines
or interrupts are executed). The 8-bit Stack Pointer (SP) is read/write accessible in the
I/O space.
The 128 bytes of data SRAM can be easily accessed through the five different address-
ing modes supported in the AVR architecture.
The memory spaces in the AVR architecture are all linear and regular memory maps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com