Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT90LS4433-4PC Datasheet(PDF) 97 Page - ATMEL Corporation

Part # AT90LS4433-4PC
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4PC Datasheet(HTML) 97 Page - ATMEL Corporation

Back Button AT90LS4433-4PC Datasheet HTML 93Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 94Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 95Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 96Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 97Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 98Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 99Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 100Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 101Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 126 page
background image
97
AT90S/LS4433
1042H–AVR–04/03
Serial Programming
Characteristics
Figure 68. Serial Programming Timing
Table 36. Serial Programming Characteristics, T
A = -40°C to 85°C, VCC = 2.7 - 6.0V
(unless otherwise noted)
Symbol
Parameter
Min
Typ
Max
Units
1/t
CLCL
Oscillator Frequency (V
CC = 2.7 - 6.0V)
0
4
MHz
t
CLCL
Oscillator Period (V
CC = 2.7 - 6.0V)
250
ns
1/tCLCL
Oscillator Frequency (VCC = 4.0 - 6.0V)
0
8
MHz
t
CLCL
Oscillator Period (V
CC = 4.0 - 6.0V)
125
ns
t
SHSL
SCK Pulse Width High
2 t
CLCL
ns
tSLSH
SCK Pulse Width Low
2 tCLCL
ns
t
OVSH
MOSI Setup to SCK High
t
CLCL
ns
tSHOX
MOSI Hold after SCK High
2 tCLCL
ns
tSLIV
SCK Low to MISO Valid
10
16
32
ns
Table 37. Minimum Wait Delay after the Chip Erase Instruction
Symbol
3.2V
3.6V
4.0V
5.0V
t
WD_ERASE
18 ms
14 ms
12 ms
8 ms
Table 38. Minimum Wait Delay after Writing a Flash or EEPROM Location
Symbol
3.2V
3.6V
4.0V
5.0V
tWD_PROG
9 ms
7 ms
6 ms
4 ms
MOSI
MISO
SCK
t
OVSH
t
SHSL
t
SLSH
t
SHOX
t
SLIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com