Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT90LS4433-4PC Datasheet(PDF) 71 Page - ATMEL Corporation

Part # AT90LS4433-4PC
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4PC Datasheet(HTML) 71 Page - ATMEL Corporation

Back Button AT90LS4433-4PC Datasheet HTML 67Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 68Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 69Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 70Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 71Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 72Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 73Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 74Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 75Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 126 page
background image
71
AT90S/LS4433
1042H–AVR–04/03
Notes:
1. Minimum for AVCC is 2.7V.
2. Maximum for AVCC is 6.0V.
ADC Characteristics T
A = -40°C to 85°C
Symbol
Parameter
Condition
Min
Typ
Max
Units
Resolution
10
Bits
Absolute Accuracy
V
REF = 4V
ADC clock = 200 kHz
12
LSB
Absolute Accuracy
V
REF = 4V
ADC clock = 1 MHz
4LSB
Absolute Accuracy
VREF = 4V
ADC clock = 2 MHz
16
LSB
Integral Non-linearity
VREF > 2V
0.5
LSB
Differential Non-linearity
VREF > 2V
0.5
LSB
Zero Error (Offset)
1
LSB
Conversion Time
65
260
µs
Clock Frequency
50
200
kHz
AVCC
Analog Supply Voltage
V
CC - 0.3
(1)
V
CC + 0.3
(2)
V
VREF
Reference Voltage
2
AVCC
V
RREF
Reference Input Resistance
6
10
13
k
Ω
R
AIN
Analog Input Resistance
100
M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com