Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT90LS4433-4PC Datasheet(PDF) 44 Page - ATMEL Corporation

Part # AT90LS4433-4PC
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4PC Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button AT90LS4433-4PC Datasheet HTML 40Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 41Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 42Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 43Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 44Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 45Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 46Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 47Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 126 page
background image
44
AT90S/LS4433
1042H–AVR–04/03
• Bits 2..0 – WDP2, WDP1, WDP0: Watchdog Timer Prescaler 2, 1, and 0
The WDP2, WDP1, and WDP0 bits determine the Watchdog Timer prescaling when the
Watchdog Timer is enabled. The different prescaling values and their corresponding
time-out periods are shown inTable 16.
Note:
1. The frequency of the Watchdog Oscillator is voltage dependent, as shown in the
Electrical Characteristics section.
The WDR (Watchdog Reset) instruction should always be executed before the
Watchdog Timer is enabled. This ensures that the reset period will be in accordance
with the Watchdog Timer prescale settings. If the Watchdog Timer is enabled without
reset, the Watchdog Timer may not start counting from zero.
To avoid unintentional MCU reset, the Watchdog Timer should be disabled or Reset
before changing the Watchdog Timer Prescale Select.
Table 16. Watchdog Timer Prescale Select
(1)
WDP2
WDP1
WDP0
Number of WDT
Oscillator Cycles
Typical Time-out
at VCC = 3.0V
Typical Time-out
at VCC = 5.0V
0
0
0
16K cycles
47 ms
15 ms
0
0
1
32K cycles
94 ms
30 ms
0
1
0
64K cycles
0.19 s
60 ms
0
1
1
128K cycles
0.38 s
0.12 s
1
0
0
256K cycles
0.75 s
0.24 s
1
0
1
512K cycles
1.5 s
0.49 s
1
1
0
1,024K cycles
3.0 s
0.97 s
1
1
1
2,048K cycles
6.0 s
1.9 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com