Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT90LS4433-4PC Datasheet(PDF) 36 Page - ATMEL Corporation

Part # AT90LS4433-4PC
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4PC Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button AT90LS4433-4PC Datasheet HTML 32Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 33Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 34Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 35Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 36Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 37Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 38Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 39Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 126 page
background image
36
AT90S/LS4433
1042H–AVR–04/03
Interrupt Flag Register (TIFR). The interrupt enable/disable settings for Timer/Counter1
are found in the Timer/Counter Interrupt Mask Register (TIMSK).
When Timer/Counter1 is externally clocked, the external signal is synchronized with the
Oscillator frequency of the CPU. To assure proper sampling of the external clock, the
minimum time between two external clock transitions must be at least one internal CPU
clock period. The external clock signal is sampled on the rising edge of the internal CPU
clock.
The 16-bit Timer/Counter1 features both a high resolution and a high-accuracy usage
with the lower prescaling opportunities. Similarly, the high prescaling opportunities
makes the Timer/Counter1 useful for lower speed functions or exact timing functions
with infrequent actions.
The Timer/Counter1 supports an Output Compare function using the Output Compare
Register1 (OCR1) as the data source to be compared to the Timer/Counter1 contents.
The Output Compare functions include optional clearing of the counter on compare
matches and actions on the Output Compare pin 1 on compare matches.
Timer/Counter1 can also be used as a 8-, 9-, or 10-bit Pulse Width Modulator. In this
mode, the counter and the OCR1 Register serve as a glitch-free, stand-alone PWM with
centered pulses. Refer to page 41 for a detailed description of this function.
The Input Capture function of Timer/Counter1 provides a capture of the Timer/Counter1
contents to the Input Capture Register (ICR1), triggered by an external event on the
Input Capture Pin (ICP). The actual capture event settings are defined by the
Timer/Counter1 Control Register (TCCR1). In addition, the Analog Comparator can be
set to trigger the Input Capture. Refer to the section, “The Analog Comparator”, for
details of this. The ICP pin logic is shown in Figure 33.
Figure 33. ICP Pin Schematic Diagram
If the Noise Canceler function is enabled, the actual trigger condition for the capture
event is monitored over four samples, and all four must be equal to activate the Capture
Flag. The input pin signal is sampled at XTAL clock frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com