Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT90LS4433-4AI Datasheet(PDF) 88 Page - ATMEL Corporation

Part # AT90LS4433-4AI
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4AI Datasheet(HTML) 88 Page - ATMEL Corporation

Back Button AT90LS4433-4AI Datasheet HTML 84Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 85Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 86Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 87Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 88Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 89Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 90Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 91Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 92Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 126 page
background image
88
AT90S/LS4433
1042H–AVR–04/03
Chip Erase
The Chip Erase command will erase the Flash and EEPROM memories and the Lock
bits. The Lock bits are not reset until the Flash and EEPROM have been completely
erased. The Fuse bits are not changed. Chip Erase must be performed before the Flash
or EEPROM is reprogrammed.
A: Load Command “Chip Erase”
1.
Set XA1, XA0 to “10”. This enables command loading.
2.
Set BS to “0”.
3.
Set DATA to “1000 0000”. This is the command for Chip Erase.
4.
Give XTAL1 a positive pulse. This loads the command.
5.
Give WR a t
WLWH_CE wide negative pulse to execute Chip Erase. See Table 33 for
t
WLWH_CE value. Chip Erase does not generate any activity on the RDY/BSY pin.
Programming the Flash
A: Load Command “Write Flash”
1.
Set XA1, XA0 to “10”. This enables command loading.
2.
Set BS to “0”.
3.
Set DATA to “0001 0000”. This is the command for Write Flash.
4.
Give XTAL1 a positive pulse. This loads the command.
B: Load Address High Byte
1.
Set XA1, XA0 to “00”. This enables address loading.
2.
Set BS to “1”. This selects High Byte.
3.
Set DATA = Address High Byte ($00 - $07).
4.
Give XTAL1 a positive pulse. This loads the address High Byte.
C: Load Address Low Byte
1.
Set XA1, XA0 to “00”. This enables address loading.
2.
Set BS to “0”. This selects Low Byte.
3.
Set DATA = Address Low Byte ($00 - $FF).
4.
Give XTAL1 a positive pulse. This loads the address Low Byte.
D: Load Data Low Byte
1.
Set XA1, XA0 to “01”. This enables data loading.
2.
Set DATA = Data Low Byte ($00 - $FF).
3.
Give XTAL1 a positive pulse. This loads the data Low Byte.
E: Write Data Low Byte
1.
Set BS to “0”. This selects low data.
2.
Give WR a negative pulse. This starts programming of the data byte. RDY/BSY
goes low.
3.
Wait until RDY/BSY goes high to program the next byte.
(See Figure 63 for signal waveforms.)
F: Load Data High Byte
1.
Set XA1, XA0 to “01”. This enables data loading.
2.
Set DATA = Data High Byte ($00 - $FF).
3.
Give XTAL1 a positive pulse. This loads the data High Byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com