Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT90LS4433-4AI Datasheet(PDF) 91 Page - ATMEL Corporation

Part # AT90LS4433-4AI
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4AI Datasheet(HTML) 91 Page - ATMEL Corporation

Back Button AT90LS4433-4AI Datasheet HTML 87Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 88Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 89Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 90Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 91Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 92Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 93Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 94Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 95Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 126 page
background image
91
AT90S/LS4433
1042H–AVR–04/03
Programming the Fuse Bits
The algorithm for programming the Fuse bits is as follows (refer to “Programming the
Flash” for details on command and data loading):
A: Load Command “0100 0000”.
B: Load Data Low Byte. Bit n = “0” programs and bit n = “1” erases the Fuse bit.
Bit 5 = SPIEN Fuse bit
Bit 4 = BODLEVEL Fuse bit
Bit 3 = BODEN Fuse bit
Bit 2 = CKSEL2 Fuse bit
Bit 1 = CKSEL1 Fuse bit
Bit 0 = CKSEL0 Fuse bit
Bits 7 - 6 = “1”. These bits are reserved and should be left unprogrammed (“1”).
1.
Give WR a t
WLWH_PFB wide negative pulse to execute the programming, tWLWH_PFB
is found in Table 33. Programming the Fuse bits does not generate any activity
on the RDY/BSY pin.
Programming the Lock Bits
The algorithm for programming the Lock bits is as follows (refer to “Programming the
Flash” for details on command and data loading):
A: Load Command “0010 0000”.
B: Load Data Low Byte. Bit n = “0” programs the Lock bit.
Bit 2 = Lock bit 2
Bit 1 = Lock bit 1
Bits 7 - 3, 0 = “1”. These bits are reserved and should be left unprogrammed (“1”).
C: Write Data Low Byte.
The Lock bits can only be cleared by executing Chip Erase.
Reading the Fuse and Lock
Bits
The algorithm for reading the Fuse and Lock bits is as follows (refer to “Programming
the Flash” for details on command loading):
A: Load Command “0000 0100”.
1.
Set OE to “0”, and BS to “0”. The status of the Fuse bits can now be read at
DATA (“0” means programmed).
Bit 5 = SPIEN Fuse bit
Bit 4 = BODLEVEL Fuse bit
Bit 3 = BODEN Fuse bit
Bit 2 = CKSEL2 Fuse bit
Bit 1 = CKSEL1 Fuse bit
Bit 0 = CKSEL0 Fuse bit
2.
Set BS to “1”. The status of the Lock bits can now be read at DATA (“0” means
programmed).
Bit 2 = Lock Bit 2
Bit 1= Lock Bit 1
3.
Set OE to “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com