Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT90LS4433-4AI Datasheet(PDF) 101 Page - ATMEL Corporation

Part # AT90LS4433-4AI
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4AI Datasheet(HTML) 101 Page - ATMEL Corporation

Back Button AT90LS4433-4AI Datasheet HTML 97Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 98Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 99Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 100Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 101Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 102Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 103Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 104Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 105Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 126 page
background image
101
AT90S/LS4433
1042H–AVR–04/03
Typical
Characteristics
The following charts show typical behavior. These figures are not tested during manu-
facturing. All current consumption measurements are performed with all I/O pins
configured as inputs and with internal pull-ups enabled. A sine wave generator with rail-
to-rail output is used as clock source.
The power consumption in Power-down mode is independent of clock selection.
The current consumption is a function of several factors, such as: operating voltage,
operating frequency, loading of I/O pins, switching rate of I/O pins, code executed and
ambient temperature. The dominating factors are operating voltage and frequency.
The current drawn from capacitive loaded pins may be estimated (for one pin) as
C
L •VCC • f, where CL = load capacitance, VCC = operating voltage and f = average
switching frequency of I/O pin.
The parts are characterized at frequencies higher than test limits. Parts are not guaran-
teed to function properly at frequencies higher than the ordering code indicates.
The difference between current consumption in Power-down mode with Watchdog
Timer enabled and Power-down mode with Watchdog Timer disabled represents the dif-
ferential current drawn by the Watchdog Timer.
The difference between Power-down mode with Brown-out Detector enabled and
Power-down mode with Watchdog Timer disabled represents the differential current
drawn by the Brown-out Detector.
Figure 70. Active Supply Current vs. Frequency
0
5
10
15
20
25
30
35
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
ACTIVE SUPPLY CURRENT vs. FREQUENCY
TA = 25˚C
VCC = 6V
VCC = 5.5V
VCC = 5V
VCC = 4.5V
VCC = 4V
VCC = 3.6V
VCC = 3.3V
VCC = 3.0V
VCC = 2.7V
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com