Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT90LS4433-4AI Datasheet(PDF) 119 Page - ATMEL Corporation

Part # AT90LS4433-4AI
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4AI Datasheet(HTML) 119 Page - ATMEL Corporation

Back Button AT90LS4433-4AI Datasheet HTML 115Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 116Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 117Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 118Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 119Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 120Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 121Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 122Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 123Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 126 page
background image
119
AT90S/LS4433
1042H–AVR–04/03
Errata for
AT90S/LS4433 Rev.
Rev. C/D/E/F
• BOD Keeps the Device in Reset at Low Temperature
• Fuses and Programming Mode
• Incorrect Channel Change in Free Running Mode
• Bandgap Reference Stabilizing Time
• Brown-out Detection Level
• Serial Programming at Voltages below 2.9V
• UART Loses Synchronization if RXD Line is Low when UART Receive is Disabled
7.
BOD Keeps the Device in Reset at Low Temperature
When the device operates at low temperature (below 0
°C) and the BOD is enabled,
tha part may fail to start up. AT low temperature the BOD may never release the
reset, and the part will not start the application. The problem will only occur during
start-up and an already running application wil not go into reset even if the
temperature goes below 0
°C.
Note that this also affects the described workaround for Errata no. 4.
Problem Fix/Workaround
If the device operates at low temperature and a BOD is required, an external BOD
circuit must be used. Alternatively, ATme ga8 can be used inst ead of
AT90S/LS4433.
6.
Fuses and Programming Mode
After programming the Fuses in Serial Programming mode, it is not possible to pro-
gram the Flash or EEPROM. If leaving Programming mode, it is not possible to re-
enter Programming mode.
Problem Fix/Workaround
Power the part down and backup again after programming the Fuses or leaving Pro-
gramming mode.
5.
Incorrect Channel Change in Free Running Mode
If the ADC operates in Free Running mode and channels are changed by writing to
ADMUX, shortly after the ADC Interrupt Flag (ADIF in ADCSR) is set, the new set-
ting in ADMUX may affect the ongoing conversion.
Problem Fix/Workaround
Use Single Conversion mode when scanning channels, or avoid changing ADMUX
util at least 0.5 ADC clock cycles after ADIF goes high.
4.
Bandgap Reference Stabilizing Time
The time for the internal voltage reference for the Analog Comparator to stabilize is
longer than specified. The stabilizing period starts after the bandgap reference has
been selected, and can go on for as much as 10 seconds.
Problem Fix/Workaround
The Bandgap reference will be stable immediately if the internal Brown-out Detector
is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com