Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS8322Y/2K Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8322Y/2K
Description  16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8322Y/2K Datasheet(HTML) 4 Page - Texas Instruments

  ADS8322Y/2K Datasheet HTML 1Page - Texas Instruments ADS8322Y/2K Datasheet HTML 2Page - Texas Instruments ADS8322Y/2K Datasheet HTML 3Page - Texas Instruments ADS8322Y/2K Datasheet HTML 4Page - Texas Instruments ADS8322Y/2K Datasheet HTML 5Page - Texas Instruments ADS8322Y/2K Datasheet HTML 6Page - Texas Instruments ADS8322Y/2K Datasheet HTML 7Page - Texas Instruments ADS8322Y/2K Datasheet HTML 8Page - Texas Instruments ADS8322Y/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
CS
BYTE
RD
CONVST
CLOCK
DGND
+V
D
BUSY
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
ADS8322
SBAS215A – JULY 2001 – REVISED JANUARY 2010
www.ti.com
ELECTRICAL CHARACTERISTICS: +VA = +5V (continued)
At –40°C to +85°C, +VA = +5V, VREF = +2.5V, fSAMPLE = 500kHz, and fCLK = 20 • fSAMPLE, unless otherwise specified.
ADS8322Y
ADS8322YB(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
DIGITAL INPUT/OUTPUT
Logic family
CMOS
CMOS
Logic levels:
VIH
IIH ≤ +5μA
3.0
+VA
3.0
+VA
V
VIL
IIL ≤ +5μA
–0.3
0.8
–0.3
0.8
V
VOH
IOH = 2 TTL Loads
4.0
4.0
V
VOL
IOH = 2 TTL Loads
0.4
0.4
V
Data format
Straight binary
Straight binary
POWER-SUPPLY REQUIREMENTS
Power-supply voltage
+VA
4.75
5
5.25
4.75
5
5.25
V
+VD
4.75
5
5.25
4.75
5
5.25
V
Supply current
fSAMPLE = 500kHz
17
25
17
25
mA
Power dissipation
fSAMPLE = 500kHz
85
125
85
125
mW
TEMPERATURE RANGE
Specified temperature range
–40
+85
–40
+85
°C
DEVICE INFORMATION
PBS PACKAGE
TQFP-32
(TOP VIEW)
4
Submit Documentation Feedback
Copyright © 2001–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS8322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com