Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS8322Y/2K Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8322Y/2K
Description  16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8322Y/2K Datasheet(HTML) 1 Page - Texas Instruments

  ADS8322Y/2K Datasheet HTML 1Page - Texas Instruments ADS8322Y/2K Datasheet HTML 2Page - Texas Instruments ADS8322Y/2K Datasheet HTML 3Page - Texas Instruments ADS8322Y/2K Datasheet HTML 4Page - Texas Instruments ADS8322Y/2K Datasheet HTML 5Page - Texas Instruments ADS8322Y/2K Datasheet HTML 6Page - Texas Instruments ADS8322Y/2K Datasheet HTML 7Page - Texas Instruments ADS8322Y/2K Datasheet HTML 8Page - Texas Instruments ADS8322Y/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SAR
OutputLatches
and
3-State
Drivers
Comparator
ADS8322
S/HAmp
BYTE
Parallel
Data
Output
+IN
-IN
CDAC
REF
IN
Conversion
andControl
Logic
Internal
+2.5VRef
CONVST
CLOCK
CS
RD
BUSY
REF
OUT
ADS8322
www.ti.com
SBAS215A – JULY 2001 – REVISED JANUARY 2010
16-Bit, 500kHz, MicroPower Sampling
ANALOG-TO-DIGITAL CONVERTER
Check for Samples: ADS8322
1
FEATURES
DESCRIPTION
2
•
HIGH-SPEED PARALLEL INTERFACE
•
500kHz SAMPLING RATE
The ADS8322 is a 16-bit, 500kHz analog-to-digital
(A/D) converter with an internal 2.5V reference. The
•
LOW POWER: 85mW at 500kHz
device includes a 16-bit capacitor-based successive
•
INTERNAL 2.5V REFERENCE
approximation register (SAR) A/D converter with
•
UNIPOLAR INPUT RANGE
inherent sample-and-hold. The ADS8322 offers a full
16-bit interface, or an 8-bit option where data are
•
TQFP-32 PACKAGE
read using two read cycles and eight pins. The
ADS8322 is available in a TQFP-32 package and is
APPLICATIONS
ensured
over
the
industrial
–40°C
to
+85°C
•
CT SCANNERS
temperature range.
•
HIGH-SPEED DATA ACQUISITION
white space here
•
TEST AND INSTRUMENTATION
white space here
•
MEDICAL EQUIPMENT
white space here
white space here
white space here
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS8322Y/2K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8322Y/2K BURR-BROWN-ADS8322Y/2K Datasheet
202Kb / 10P
16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8322Y/2K TI2-ADS8322Y/2K Datasheet
488Kb / 19P
16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
REVISED JANUARY 2010
ADS8322Y/2K.B TI2-ADS8322Y/2K.B Datasheet
488Kb / 19P
16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
REVISED JANUARY 2010
More results

Similar Description - ADS8322Y/2K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8320 BURR-BROWN-ADS8320 Datasheet
105Kb / 13P
16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 BURR-BROWN-ADS8321 Datasheet
100Kb / 12P
16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8322 BURR-BROWN-ADS8322 Datasheet
202Kb / 10P
16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8323 BURR-BROWN-ADS8323 Datasheet
272Kb / 14P
16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 BURR-BROWN-ADS8321_12 Datasheet
604Kb / 18P
16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8323Y TI-ADS8323Y Datasheet
798Kb / 25P
16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8323 TI1-ADS8323_14 Datasheet
799Kb / 26P
16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 TI1-ADS8321_14 Datasheet
858Kb / 20P
16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320 TI1-ADS8320_14 Datasheet
876Kb / 22P
16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 TI1-ADS8321 Datasheet
858Kb / 19P
16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com