Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS8322Y/2K Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8322Y/2K
Description  16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8322Y/2K Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS8322Y/2K Datasheet HTML 3Page - Texas Instruments ADS8322Y/2K Datasheet HTML 4Page - Texas Instruments ADS8322Y/2K Datasheet HTML 5Page - Texas Instruments ADS8322Y/2K Datasheet HTML 6Page - Texas Instruments ADS8322Y/2K Datasheet HTML 7Page - Texas Instruments ADS8322Y/2K Datasheet HTML 8Page - Texas Instruments ADS8322Y/2K Datasheet HTML 9Page - Texas Instruments ADS8322Y/2K Datasheet HTML 10Page - Texas Instruments ADS8322Y/2K Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
0
30
60
90
120
150
-
-
-
-
-
20
40
60
80
100
120
140
160
180
200
0
Frequency(Hz)
1
90
85
80
75
10
100
250
Frequency(kHz)
SINAD
SNR
1
100
95
90
85
80
75
-100
95
90
85
80
75
-
-
-
-
-
10
100
250
Frequency(kHz)
SFDR
THD
0
0.30
0.20
0.10
0
0.10
0.20
-
-
-40
-20
20
40
60
80
100
Temperature( C)
°
1.0
0.5
0
0.5
1.0
1.5
-
-
-
Temperature( C)
°
0
-40
-20
20
40
60
80
100
0.2
0
0.2
0.4
0.6
-
-
-
Temperature( C)
°
–
0
-40
-20
20
40
60
80
100
ADS8322
www.ti.com
SBAS215A – JULY 2001 – REVISED JANUARY 2010
TYPICAL CHARACTERISTICS
At –40°C to +85°C, +VA = +5V, VREF = +2.5V, fSAMPLE = 500kHz, and fCLK = 20 • fSAMPLE, unless otherwise specified.
FREQUENCY SPECTRUM
SIGNAL-TO-NOISE RATIO AND
(4096 Point FFT; fIN = 100.1kHz, –0.2dB)
SIGNAL-TO-NOISE + DISTORTION vs INPUT FREQUENCY
Figure 1.
Figure 2.
SPURIOUS FREE DYNAMIC RANGE AND
TOTAL HARMONIC DISTORTIONvs INPUT FREQUENCY
IL+ vs TEMPERATURE
Figure 3.
Figure 4.
IL– vs TEMPERATURE
DL+ vs TEMPERATURE
Figure 5.
Figure 6.
Copyright © 2001–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS8322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com