Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS8322Y/2K Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8322Y/2K
Description  16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8322Y/2K Datasheet(HTML) 5 Page - Texas Instruments

  ADS8322Y/2K Datasheet HTML 1Page - Texas Instruments ADS8322Y/2K Datasheet HTML 2Page - Texas Instruments ADS8322Y/2K Datasheet HTML 3Page - Texas Instruments ADS8322Y/2K Datasheet HTML 4Page - Texas Instruments ADS8322Y/2K Datasheet HTML 5Page - Texas Instruments ADS8322Y/2K Datasheet HTML 6Page - Texas Instruments ADS8322Y/2K Datasheet HTML 7Page - Texas Instruments ADS8322Y/2K Datasheet HTML 8Page - Texas Instruments ADS8322Y/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ADS8322
www.ti.com
SBAS215A – JULY 2001 – REVISED JANUARY 2010
PIN ASSIGNMENTS
TERMINAL
NO
NAME
DESCRIPTION
1
DB15
Data Bit 15 (MSB)
2
DB14
Data Bit 14
3
DB13
Data Bit 13
4
DB12
Data Bit 12
5
DB11
Data Bit 11
6
DB10
Data Bit 10
7
DB9
Data Bit 9
8
DB8
Data Bit 8
9
DB7
Data Bit 7
10
DB6
Data Bit 6
11
DB5
Data Bit 5
12
DB4
Data Bit 4
13
DB3
Data Bit 3
14
DB2
Data Bit 2
15
DB1
Data Bit 1
16
DB0
Data Bit 0 (LSB)
17
BUSY
High when a conversion is in progress.
18
VD+
Digital Power Supply, +5VDC.
19
DGND
Digital Ground
An external CMOS-compatible clock can be applied to the CLOCK input to synchronize the conversion
20
CLOCK
process to an external source.
21
CONVST
Convert Start
22
RD
Synchronization pulse for the parallel output.
23
BYTE
Selects eight most significant bits (low) or eight least significant bits (high). Data valid on pins 9-16.
24
CS
Chip Select
25
–IN
Inverting Input Channel
26
+IN
Noninverting Input Channel
27
AGND
Analog Ground
28
+VA
Analog Power Supply, +5VDC.
29
NC
No connection
30
NC
No connection
31
REFIN
Reference Input. When using the internal 2.5V reference, tie this pin directly to REFOUT.
Reference Output. A 0.1
μF capacitor should be connected to this pin when the internal reference is
32
REFOUT
used.
Copyright © 2001–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS8322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com