Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC7621 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7621
Description  12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7621 Datasheet(HTML) 4 Page - Texas Instruments

  DAC7621 Datasheet HTML 1Page - Texas Instruments DAC7621 Datasheet HTML 2Page - Texas Instruments DAC7621 Datasheet HTML 3Page - Texas Instruments DAC7621 Datasheet HTML 4Page - Texas Instruments DAC7621 Datasheet HTML 5Page - Texas Instruments DAC7621 Datasheet HTML 6Page - Texas Instruments DAC7621 Datasheet HTML 7Page - Texas Instruments DAC7621 Datasheet HTML 8Page - Texas Instruments DAC7621 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
®
4
DAC7621
TIMING DIAGRAMS
LOGIC TRUTH TABLE
TIMING SPECIFICATIONS
TA = –40°C to +85°C
SYMBOL
DESCRIPTION
MIN
TYP
MAX UNITS
tRCS
CS LOW for Read
200
ns
tRDS
R/W HIGH to CS LOW
10
ns
tRDH
R/W HIGH after CS HIGH
0
ns
tDZ
CS HIGH to Data Bus
100
ns
in High Impedance
tCSD
CS LOW to Data Bus Valid
100
160
ns
tWCS
CS LOW for Write
50
tWS
R/W LOW to CS LOW
0
ns
tWH
R/W LOW after CS HIGH
5
ns
tDS
Data Valid to CS LOW
0
ns
tDH
Data Valid after CS HIGH
5
ns
tLWD
LOADDAC LOW
50
ns
INPUT
DAC
R/W
CS
LOADDAC
REGISTER
REGISTER
MODE
L
L
L
Write
Write
Write
L
L
H
Write
Hold
Write Input
H
L
H
Read
Hold
Read Input
X
H
L
Hold
Update
Update
X
H
H
Hold
Hold
Hold
X = Don’t Care.
t
RCS
CS
t
RDS
t
RDH
t
CSD
t
DZ
R/W
Data Out
Data Valid
t
WCS
CS
t
WS
t
WH
R/W
t
LWD
LOADDAC
t
DS
t
DH
Data In
Data Output Timing
Digital Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com