Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC7621 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7621
Description  12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7621 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC7621 Datasheet HTML 3Page - Texas Instruments DAC7621 Datasheet HTML 4Page - Texas Instruments DAC7621 Datasheet HTML 5Page - Texas Instruments DAC7621 Datasheet HTML 6Page - Texas Instruments DAC7621 Datasheet HTML 7Page - Texas Instruments DAC7621 Datasheet HTML 8Page - Texas Instruments DAC7621 Datasheet HTML 9Page - Texas Instruments DAC7621 Datasheet HTML 10Page - Texas Instruments DAC7621 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
®
7
DAC7621
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°, and VDD = 5V, unless otherwise specified.
FALL TIME DETAIL
Time (10
µs/div)
LD
V
OUT
10.000
1.000
0.100
0.010
OUTPUT VOLTAGE NOISE vs FREQUENCY
Frequency (Hz)
10
100
1k
10k
100k
Data = FFF
H
8
6
4
2
0
–2
–4
–6
–8
Hours of Operation at +150
°C
LONG-TERM DRIFT ACCELERATED BY BURN-IN
0
400
200
600
800
1000
1200
avg
max
min
144 Units
0
10
20
30
40
50
60
–12
–8
–4
0
4
8
12
T.U.E =
ΣINL = Z
S + FS
Sample Size = 300 Units
T
A = +25°C
TOTAL UNADJUSTED ERROR HISTOGRAM
4.115
4.110
4.105
4.100
4.095
4.090
4.085
4.080
4.075
FULL-SCALE VOLTAGE vs TEMPERATURE
Temperature (
°C)
–50
0
25
–25
50
75
100
125
No Load
Sample Size = 300
Avg + 3
σ
Avg – 3
σ
Avg
3
2
1
0
–1
ZERO-SCALE VOLTAGE vs TEMPERATURE
Temperature (
°C)
–50
0
25
–25
50
75
100
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com