Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC7621 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7621
Description  12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7621 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC7621 Datasheet HTML 2Page - Texas Instruments DAC7621 Datasheet HTML 3Page - Texas Instruments DAC7621 Datasheet HTML 4Page - Texas Instruments DAC7621 Datasheet HTML 5Page - Texas Instruments DAC7621 Datasheet HTML 6Page - Texas Instruments DAC7621 Datasheet HTML 7Page - Texas Instruments DAC7621 Datasheet HTML 8Page - Texas Instruments DAC7621 Datasheet HTML 9Page - Texas Instruments DAC7621 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
®
6
DAC7621
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°, and VDD = 5V, unless otherwise specified.
80
60
40
20
0
–20
–40
–60
–80
SHORT-CIRCUIT CURRENT vs OUTPUT VOLTAGE
Output Voltage (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Positive
Current
Limit
Data = 800
H
Output tied to I
SOURCE
Negative
Current
Limit
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
SUPPLY CURRENT vs TEMPERATURE
Temperature (
°C)
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
90
V
LOGIC = 3.5V
Data = FFF
H
No Load
V
DD = 4.75V
V
DD = 5.25V
V
DD = 5.0V
LARGE-SIGNAL SETTLING TIME
Time (20
µs/div)
C
L = 110pF
R
L = No Load
LD
V
OUT
RISE TIME DETAIL
Time (10
µs/div)
LD
V
OUT
MID-SCALE GLITCH PERFORMANCE
Time (500ns/div)
V
OUT
LOADDAC
7FF
H to 800H
MID-SCALE GLITCH PERFORMANCE
Time (500ns/div)
LOADDAC
800
H to 7FFH
V
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com