Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC7621 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7621
Description  12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7621 Datasheet(HTML) 1 Page - Texas Instruments

  DAC7621 Datasheet HTML 1Page - Texas Instruments DAC7621 Datasheet HTML 2Page - Texas Instruments DAC7621 Datasheet HTML 3Page - Texas Instruments DAC7621 Datasheet HTML 4Page - Texas Instruments DAC7621 Datasheet HTML 5Page - Texas Instruments DAC7621 Datasheet HTML 6Page - Texas Instruments DAC7621 Datasheet HTML 7Page - Texas Instruments DAC7621 Datasheet HTML 8Page - Texas Instruments DAC7621 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
®
12-Bit, Parallel Input
DIGITAL-TO-ANALOG CONVERTER
DESCRIPTION
The DAC7621 is a 12-bit digital-to-analog converter
(DAC) with guaranteed 12-bit monotonicity perfor-
mance over the industrial temperature range. It re-
quires a single +5V supply and contains an input
register, latch, 2.435V reference, DAC, and high speed
rail-to-rail output amplifier. For a full-scale step, the
output will settle to 1 LSB within 7
µs. The device
consumes 2.5mW (0.5mA at 5V).
The parallel interface is compatible with a wide variety
of microcontrollers. The DAC7621 accepts a 12-bit
parallel word, has a double-buffered input logic struc-
ture and provides data readback. In addition, two
control pins provide a chip select (CS) function and
asynchronous clear (CLR) input. The CLR input can
be used to ensure that the DAC7621 output is 0V on
power-up or as required by the application.
The DAC7621 is available in a 20-lead SSOP package
and is fully specified over the industrial temperature
range of –40
°C to +85°C.
FEATURES
q LOW POWER: 2.5mW
q FAST SETTLING: 7
µs to 1 LSB
q 1mV LSB WITH 4.095V FULL-SCALE
RANGE
q COMPLETE WITH REFERENCE
q 12-BIT LINEARITY AND MONOTONICITY
OVER INDUSTRIAL TEMP RANGE
q ASYNCHRONOUS RESET TO 0V
APPLICATIONS
q PROCESS CONTROL
q DATA ACQUISITION SYSTEMS
q CLOSED-LOOP SERVO-CONTROL
q PC PERIPHERALS
q PORTABLE INSTRUMENTATION
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
®
DAC7621
12-Bit DAC
Ref
DAC Register
Input Register
I/O Buffer
12
12
12
CLR
LOADDAC
CS
R/W
VDD
VOUT
DGND
DAC7621
D0
D1 D2
D3
D4
D5
D6
D7
D8
D9 D10 D11
DAC7621
© 1998 Burr-Brown Corporation
PDS-1502B
Printed in U.S.A. March, 1999
For most current data sheet and other product
information, visit www.burr-brown.com
SBAS107


Similar Part No. - DAC7621

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7621 BURR-BROWN-DAC7621 Datasheet
458Kb / 11P
12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
DAC7621E BURR-BROWN-DAC7621E Datasheet
458Kb / 11P
12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
DAC7621EB BURR-BROWN-DAC7621EB Datasheet
458Kb / 11P
12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7621

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5582 AD-AD5582 Datasheet
162Kb / 8P
QUAD, Parallel-Input, Voltage Output, 12-/10-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7611 BURR-BROWN-DAC7611 Datasheet
182Kb / 12P
12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7621 BURR-BROWN-DAC7621 Datasheet
458Kb / 11P
12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7821 TI-DAC7821 Datasheet
1Mb / 18P
12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7822 BURR-BROWN-DAC7822 Datasheet
610Kb / 18P
Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8806 TI-DAC8806 Datasheet
1Mb / 20P
14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC8820 TI-DAC8820 Datasheet
1Mb / 22P
16-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC7611PBG4 TI-DAC7611PBG4 Datasheet
321Kb / 17P
12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7612U2K5G4 TI1-DAC7612U2K5G4 Datasheet
322Kb / 16P
Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7822 TI1-DAC7822_14 Datasheet
1Mb / 24P
Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com