Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC7621 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7621
Description  12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7621 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC7621 Datasheet HTML 6Page - Texas Instruments DAC7621 Datasheet HTML 7Page - Texas Instruments DAC7621 Datasheet HTML 8Page - Texas Instruments DAC7621 Datasheet HTML 9Page - Texas Instruments DAC7621 Datasheet HTML 10Page - Texas Instruments DAC7621 Datasheet HTML 11Page - Texas Instruments DAC7621 Datasheet HTML 12Page - Texas Instruments DAC7621 Datasheet HTML 13Page - Texas Instruments DAC7621 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
®
10
DAC7621
OUTPUT AMPLIFIER
A precision, low-power amplifier buffers the output of the
DAC section and provides additional gain to achieve a 0V
to 4.095V range. The amplifier has low offset voltage, low
noise, and a set gain of 1.682V/V (4.095/2.435). See Figure
2 for an equivalent circuit schematic of the analog portion
of the DAC7621.
The output amplifier has a 7
µs typical settling time to ±1
LSB of the final value. Note that there are differences in the
settling time for negative-going signals versus positive-
going signals.
The rail-to-rail output stage of the amplifier provides the
full-scale range of 0V to 4.095V while operating on a
supply voltage as low as 4.75V. In addition to its ability to
drive resistive loads, the amplifier will remain stable while
driving capacitive loads of up to 500pF. See Figure 3 for an
equivalent circuit schematic of the amplifier’s output driver
and the Typical Performance Curves section for more infor-
mation regarding settling time, load driving capability, and
output noise.
POWER SUPPLY
A BiCMOS process and careful design of the bipolar and
CMOS sections of the DAC7621 result in a very low power
device. Bipolar transistors are used where tight matching
and low noise are needed to achieve analog accuracy, and
CMOS transistors are used for logic, switching functions
and for other low power stages.
If power consumption is critical, it is important to keep the
logic levels on the digital inputs (R/W, CLK, CS, LOADDAC,
CLR) as close as possible to either VDD or ground. This will
keep the CMOS inputs (see “Supply Current vs Logic Input
Voltages” in the Typical Performance Curves) from shunt-
ing current between VDD and ground.
The DAC7621 power supply should be bypassed as shown
in Figure 1. The bypass capacitors should be placed as close
to the device as possible, with the 0.1
µF capacitor taking
priority in this regard. The “Power Supply Rejection vs
Frequency” graph in the Typical Performance Curves sec-
tion shows the PSRR performance of the DAC7621. This
should be taken into account when using switching power
supplies or DC/DC converters.
In addition to offering guaranteed performance with VDD in
the 4.75V to 5.25V range, the DAC7621 will operate with
reduced performance down to 4.5V. Operation between
4.5V and 4.75V will result in longer settling time, reduced
performance, and current sourcing capability. Consult the
“VDD vs Load Current” graph in the Typical Performance
Curves section for more information.
FIGURE 3. Simplified Driver Section of Output Amplifier.
N-Channel
P-Channel
V
DD
V
OUT
AGND
2R
2R
2R
R
2R
2R
R
R
1
R
R
2
Output Amplifier
R-2R DAC
Bandgap
Reference
2.435V
Buffer
FIGURE 2. Simplified Schematic of Analog Portion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com