Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS90C3202VS/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DS90C3202VS/NOPB
Description  3.3V 8 MHz to 135 MHz Dual FPD-Link Receiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90C3202VS/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button DS90C3202VS/NOPB Datasheet HTML 17Page - Texas Instruments DS90C3202VS/NOPB Datasheet HTML 18Page - Texas Instruments DS90C3202VS/NOPB Datasheet HTML 19Page - Texas Instruments DS90C3202VS/NOPB Datasheet HTML 20Page - Texas Instruments DS90C3202VS/NOPB Datasheet HTML 21Page - Texas Instruments DS90C3202VS/NOPB Datasheet HTML 22Page - Texas Instruments DS90C3202VS/NOPB Datasheet HTML 23Page - Texas Instruments DS90C3202VS/NOPB Datasheet HTML 24Page - Texas Instruments DS90C3202VS/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
DS90C3202
www.ti.com
SNLS191D – APRIL 2005 – REVISED APRIL 2013
Address
R/W
RESET
Bit #
Description
Default Value
26d/1ah
R/W
None
[7]
Reserved
0000_0000
[6:4]
LVDS input skew control for RXE channel B,
000 (default) applies to no delay added, ONE buffer delay
per step adjustment towards Thold improvements
[3]
Reserved
[2:0]
LVDS input skew control for RXE channel C,
000 (default) applies to no delay added, ONE buffer delay
per step adjustment towards Thold improvements
27d/1bh
R/W
None
[7]
Reserved
0000_0000
[6:4]
LVDS input skew control for RXE channel D,
000 (default) applies to no delay added, ONE buffer delay
per step adjustment
[3]
Reserved
[2:0]
LVDS input skew control for RXE channel E,
000 (default) applies to no delay added, ONE buffer delay
per step adjustment towards Thold improvements
28d/1ch
R/W
None
[7:3]
Reserved
0000_0000
[2]
LVTTL output transition time control for CLK
0: Tr/Tf = 1.0ns (default)
1: Tr/Tf = 1.5ns
[1]
LVTTL output transition time control for RXE
0: Tr/Tf = 1.5ns (default)
1: Tr/Tf = 2.5ns
[0]
LVTTL output transition time control for RXO
0: Tr/Tf = 1.5ns (default)
1: Tr/Tf = 2.5ns
29d/1dh
R/W
None
[7:3]
Reserved
0000_0000
[2:1]
LVTTL output setup and hold time control
00: balanced setup and hold time (default)
01: setup time is increased from default position by 1UI &
hold time is reduced from default position by 1UI
10: setup time is decreased from default position by 1UI &
hold time is reduced from default position by 1UI
11: setup time is increased from default position by 2UI &
hold time is increased from default position by 2UI
[0]
LVTTL output PTO control
1: PTO disabled, all outputs setup time are only controlled
by contents of [2:1]
0: PTO enabled (default)
Group1: CLK to latch Data is re-assigned earlier by 0.5UI
respect to the normal centered position if only PTO option
enabled; but PTO option and (Tsetup or Thold) adjustment
can co-exist
Group2: CLK to latch Data stays as the normal centered
position if only PTO option enabled; but PTO option and
(Tsetup or Thold) adjustment can co-exist
30d/1eh
R/W
None
[7:5]
Reserved
0000_0000
[4]
I/O disable control for RXE channel A,
1: disable, 0: enable (default)
[3]
I/O disable control for RXE channel B,
1: disable, 0: enable (default)
[2]
I/O disable control for RXE channel C,
1: disable, 0: enable (default)
[1]
I/O disable control for RXE channel D,
1: disable, 0: enable (default)
[0]
I/O disable control for RXE channel E,
1: disable, 0: enable (default)
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: DS90C3202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com